Electronic Components Datasheet Search
  English  ▼

X  

DS2187 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2187
Description  Receive Line Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2187 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2187 Datasheet HTML 1Page - Dallas Semiconductor DS2187 Datasheet HTML 2Page - Dallas Semiconductor DS2187 Datasheet HTML 3Page - Dallas Semiconductor DS2187 Datasheet HTML 4Page - Dallas Semiconductor DS2187 Datasheet HTML 5Page - Dallas Semiconductor DS2187 Datasheet HTML 6Page - Dallas Semiconductor DS2187 Datasheet HTML 7Page - Dallas Semiconductor DS2187 Datasheet HTML 8Page - Dallas Semiconductor DS2187 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DS2187
5 of 10
0 CODE SUPPRESSION
The device will decode incoming B8ZS (RCLKSEL=0) or HDB3 (RCLKSEL=1) code words and replace
them with an all-0 code when ZCSEN=1. When ZCSEN=0, code words will pass through the device
without being altered. This feature can be disabled when the DS2187 is used with transceiver devices
such as the DS2180A DS2181A, DS2141A, or DS2143.
ALARM DETECTION
The extracted data is monitored for network alarm and error conditions. RCL is set when 192 consecutive
0s occur; it is cleared on the next one occurrence. AIS is set when less than three 0s have appeared at
RPOS and RNEG during the last two periods of the RAIS signal; once set, AIS will remain high for the
next two periods of RAIS . AIS will return low when more than two 0s appear. BPV reports bipolar
violations as they occur at RPOS and RNEG; B8ZS code words will not be flagged by BPV when
ZCSEN=1.
BYPASSING AND
LAYOUT CONSIDERATIONS
The DS2187 contains both precision analog and high-speed digital circuitry on the same chip. The power
supplies of these circuits (AVDD, AVSS, DVDD and DVSS) should be connected to system analog and
digital supplies. If separate system supplies do not exist, the appropriate supply pins can be tied together.
Tying the analog and digital supplies together on the DS2187 will not degrade its performance, provided
the power supply is sufficiently decoupled.
To assure optimum performance, the length of LCAP, RTIP and RRING printed circuit board traces
should be minimized and isolated from neighboring interconnect.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com