Electronic Components Datasheet Search
  English  ▼

X  

DS21Q44 Datasheet(PDF) 91 Page - Dallas Semiconductor

Part # DS21Q44
Description  Enhanced QUAD E1 FRAMER
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21Q44 Datasheet(HTML) 91 Page - Dallas Semiconductor

Back Button DS21Q44 Datasheet HTML 87Page - Dallas Semiconductor DS21Q44 Datasheet HTML 88Page - Dallas Semiconductor DS21Q44 Datasheet HTML 89Page - Dallas Semiconductor DS21Q44 Datasheet HTML 90Page - Dallas Semiconductor DS21Q44 Datasheet HTML 91Page - Dallas Semiconductor DS21Q44 Datasheet HTML 92Page - Dallas Semiconductor DS21Q44 Datasheet HTML 93Page - Dallas Semiconductor DS21Q44 Datasheet HTML 94Page - Dallas Semiconductor DS21Q44 Datasheet HTML 95Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 105 page
background image
DS21Q44
91 of 105
DS21Q44 TRANSMIT DATA FLOW Figure 18-15
Si Bit Insertion
Control
(TCR1.3)
Timeslot 0
Pass-Through
(TCR1.6)
E-Bit Generation
(TCR2.1)
Sa Bit Insertion
Control (TCR2.3
thru TCR2.7)
Idle Code / Channel
Insertion Control via
TIR1/2/3/4
Transmit Unframed All
Ones (TCR1.4) or
Auto AIS(CCR2.5)
Code Word
Generation
CRC4 Enable
(CCR1.4)
TAF
TNAF.5-7
TLINK
TS1 to TS16
TIDR
TPOS,
TNEG
0
1
0
1
1
0
01
1
0
01
01
1
0
AIS
Generation
Transmit Signaling
All Ones
(TCR1.2)
= Register
= Device Pin
= Selector
KEY:
TCBR1/2/3/4
RSER
(note #1)
CCR3.6
TCR1.5
Signaling Bit
Insertion Control
TIRFunction Select
(CCR3.5)
AIS
Generation
01
NOTES:
1. TCLKshould be tied to RCLKand TSYNCshould be tied to RFSYNCfor
data to be properly sourced fromRSER.
2. Auto Remote Alarmif enabled will only overwrite bit 3 of timeslot 0 in the
Not Align Frames if the alarmneeds to be sent.
Sa Bit Insertion
Control Register
(TSaCR)
1
0
TSa4toTSa8
TRA
TSiNAF
TSiAF
CRC4 Multiframe
Alignment Word
Generation (CCR.4)
Receive Side
CRC4 Error
Detector
01
Auto Remote Alarm
Generation (CCR2.4)
Per-Channel Code
Generation
(TCC1/2/3/4)
01
TC1toTC32
HDLC
ENGINE
DS0 Data
Source MUX
(TDC1/2)
01
TSER
&
TDATA
TAF/TNAF Bit
MUX
0
1
TNAF.0-4
Sa Data Source
MUX
(TDC1)
0
1
DS0 Monitor
TSIG
Hardware
Signaling
Insertion
01
TCBR1/2/3/4
CCR3.5
CCR3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com