Electronic Components Datasheet Search
  English  ▼

X  

DS21Q44 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS21Q44
Description  Enhanced QUAD E1 FRAMER
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21Q44 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS21Q44 Datasheet HTML 9Page - Dallas Semiconductor DS21Q44 Datasheet HTML 10Page - Dallas Semiconductor DS21Q44 Datasheet HTML 11Page - Dallas Semiconductor DS21Q44 Datasheet HTML 12Page - Dallas Semiconductor DS21Q44 Datasheet HTML 13Page - Dallas Semiconductor DS21Q44 Datasheet HTML 14Page - Dallas Semiconductor DS21Q44 Datasheet HTML 15Page - Dallas Semiconductor DS21Q44 Datasheet HTML 16Page - Dallas Semiconductor DS21Q44 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
DS21Q44
13 of 105
PIN
SYMBOL
TYPE
DESCRIPTION
89
TSYNC2
I/O
Transmit Sync for Framer 2
115
TSYNC3
I/O
Transmit Sync for Framer 3
125
TSYSCLK0
I
Transmit System Clock for Elastic Store in Framer 0
31
TSYSCLK1
I
Transmit System Clock for Elastic Store in Framer 1
65
TSYSCLK2
I
Transmit System Clock for Elastic Store in Framer 2
91
TSYSCLK3
I
Transmit System Clock for Elastic Store in Framer 3
15
VDD
-
Positive Supply Voltage
79
VDD
-
Positive Supply Voltage
111
VDD
-
Positive Supply Voltage
14
VSS
-
Signal Ground
78
VSS
-
Signal Ground
110
VSS
-
Signal Ground
63
WR*/(R/W*)
I
Write Input (Read/Write)
3.
DS21Q44 PIN FUNCTION DESCRIPTION
TRANSMIT SIDE PINS
Signal Name:
TCLK
Signal Description:
Transmit Clock
Signal Type:
Input
A 2.048 MHz primary clock. Used to clock data through the transmit side formatter.
Signal Name:
TSER
Signal Description:
Transmit Serial Data
Signal Type:
Input
Transmit NRZ serial data. Sampled on the falling edge of TCLK when the transmit side elastic store is
disabled. Sampled on the falling edge of TSYSCLK when the transmit side elastic store is enabled.
Signal Name:
TCHCLK
Signal Description:
Transmit Channel Clock
Signal Type:
Output
A 256 KHz clock which pulses high during the LSB of each channel. Synchronous with TCLK when the
transmit side elastic store is disabled. Synchronous with TSYSCLK when the transmit side elastic store is
enabled. Useful for parallel to serial conversion of channel data. This function is available when FMS = 1
(DS21Q43 emulation).
Signal Name:
TCHBLK
Signal Description:
Transmit Channel Block
Signal Type:
Output
A user programmable output that can be forced high or low during any of the 32 E1 channels.
Synchronous with TCLK when the transmit side elastic store is disabled. Synchronous with TSYSCLK
when the transmit side elastic store is enabled. Useful for blocking clocks to a serial UART or LAPD
controller in applications where not all E1 channels are used such as Fractional E1, 384 Kbps (H0), 768
Kbps, 1920 bps (H12) or ISDN–PRI . Also useful for locating individual channels in drop–and–insert
applications, for external per–channel loopback, and for per–channel conditioning. See Section 12 for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com