Electronic Components Datasheet Search
  English  ▼

X  

DS21Q44 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS21Q44
Description  Enhanced QUAD E1 FRAMER
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21Q44 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS21Q44 Datasheet HTML 1Page - Dallas Semiconductor DS21Q44 Datasheet HTML 2Page - Dallas Semiconductor DS21Q44 Datasheet HTML 3Page - Dallas Semiconductor DS21Q44 Datasheet HTML 4Page - Dallas Semiconductor DS21Q44 Datasheet HTML 5Page - Dallas Semiconductor DS21Q44 Datasheet HTML 6Page - Dallas Semiconductor DS21Q44 Datasheet HTML 7Page - Dallas Semiconductor DS21Q44 Datasheet HTML 8Page - Dallas Semiconductor DS21Q44 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 105 page
background image
DS21Q44
2 of 105
1.
INTRODUCTION
The DS21Q44 is a superset version of the popular DS21Q43 Quad E1 framer offering the new features
listed below. All of the original features of the DS21Q43 have been retained and software created for the
original device is transferable to the DS21Q44.
New Features
Additional hardware signaling capability including:
–
receive signaling reinsertion to a backplane multiframe sync
–
availability of signaling in a separate PCM data stream
–
signaling freezing
–
interrupt generated on change of signaling data
Per–channel code insertion in both transmit and receive paths
Full HDLC controller with 64–byte buffers in both transmit and receive paths. Configurable for Sa
bits or DS0 access
RCL, RLOS, RRA, and RUA1 alarms now interrupt on change of state
8.192 MHz clock synthesizer
Ability to monitor one DS0 channel in both the transmit and receive paths
Option to extend carrier loss criteria to a 1 ms period as per ETS 300 233
Automatic RAI generation to ETS 300 011 specifications
IEEE 1149.1 support
Functional Description
The receive side in each framer locates FAS frame and CRC and CAS multiframe boundaries as well as
detects incoming alarms including, carrier loss, loss of synchronization, AIS and Remote Alarm. If
needed, the receive side elastic store can be enabled in order to absorb the phase and frequency
differences between the recovered E1 data stream and an asynchronous backplane clock which is
provided at the RSYSCLK input. The clock applied at the RSYSCLK input can be either a 2.048 MHz
clock or a 1.544 MHz clock. The RSYSCLK can be a burst clock with speeds up to 8.192 MHz.
The transmit side in each framer is totally independent from the receive side in both the clock
requirements and characteristics. Data off of a backplane can be passed through a transmit side elastic
store if necessary. The transmit formatter will provide the necessary frame/multiframe data overhead for
E1 transmission.
Reader’s Note:
This data sheet assumes a particular nomenclature of the E1 operating environment. In each 125 us frame,
there are 32 eight–bit timeslots numbered 0 to 31. Timeslot 0 is transmitted first and received first. These
32 timeslots are also referred to as channels with a numbering scheme of 1 to 32. Timeslot 0 is identical
to channel 1, timeslot 1 is identical to Channel 2, and so on. Each timeslot (or channel) is made up of
eight bits which are numbered 1 to 8. Bit number 1 is the MSB and is transmitted first. Bit number 8 is
the LSB and is transmitted last. Throughout this data sheet, the following abbreviations will be used:
FAS
Frame Alignment Signal
CRC4
Cyclical Redundancy Check
CAS
Channel Associated Signaling
CCS
Common Channel Signaling
MF
Multiframe
Sa
Additional bits
Si
International bits
E-bit
CRC4 Error Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com