Electronic Components Datasheet Search
  English  ▼

X  

DS2407 Datasheet(PDF) 31 Page - Dallas Semiconductor

Part # DS2407
Description  Dual Addressable Switch Plus 1K.Bit Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2407 Datasheet(HTML) 31 Page - Dallas Semiconductor

Back Button DS2407 Datasheet HTML 23Page - Dallas Semiconductor DS2407 Datasheet HTML 24Page - Dallas Semiconductor DS2407 Datasheet HTML 25Page - Dallas Semiconductor DS2407 Datasheet HTML 26Page - Dallas Semiconductor DS2407 Datasheet HTML 27Page - Dallas Semiconductor DS2407 Datasheet HTML 28Page - Dallas Semiconductor DS2407 Datasheet HTML 29Page - Dallas Semiconductor DS2407 Datasheet HTML 30Page - Dallas Semiconductor DS2407 Datasheet HTML 31Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
DS2407
012099 31/31
PIO SINK CURRENT
2.8V
4V
5V
6V
VPUP
100 mA
90 mA
80 mA
70 mA
60 mA
50 mA
40 mA
30 mA
20 mA
10 mA
MAX.
MIN.
MAX.
MIN.
ISA, ISB
@ 0.4V
PIO–A
PIO–B
NOTES:
1. All voltages are referenced to ground.
2. VPUP, VPUPA, VPUPB = external pull–up voltage.
3. Input load is to ground.
4. An additional reset or communication sequence cannot begin until the reset high time has expired.
5. Read data setup time refers to the time the host must pull the 1–Wire bus low to read a bit. Data is guaranteed
to be valid within 1
µs of this falling edge and will remain valid for 14 µs minimum (15 µs total from falling edge
on 1–Wire bus).
6. VIH is a function of the chip–internal supply voltage. This voltage is determined by either the external pull–up resis-
tor and VPUP or the VCC supply, whichever is higher.
7. Capacitance on the data pin could be 800 pF when power is first applied. If a 5k
Ω resistor is used to pull up the
data line to VPUP, 5 µs after power has been applied the parasite capacitance will not affect normal communica-
tions.
8. tRSTL should be limited to maximum 5 ms. Otherwise the DS2407 may perform a power–on reset.
9. Input resistance is to ground.
10. VCC must be at least 4.0V if it is to be connected during a programming pulse.
11. If the current at PIO–A reaches 200 mA the gate voltage of the output transistor will be reduced to limit the sink
current to 200 mA. The user–supplied circuitry should limit the current flow through the PIO–transistor to no more
than 100 mA. Otherwise the DS2407 may be damaged.
12. PIO–A has a controlled turn–on output. The indicated currents are DC values. At VPUP = 4.0V or higher the sink
current typically reaches 80% of its DC value 1
µs after turning on the transistor.
13. Under certain low voltage conditions VILMAX may have to be reduced to as much as 0.5V to always guarantee
a presence pulse.
14. The input load current may be as high as 100
µA after a power–on reset until a memory function command byte
has been sent as well as during the execution of a ROM function command.
15. If the device is disconnected from the 1–Wire bus (data pin floating) channel A may lose its output status even
if VCC is connected. A resistor of approximately 100 kΩ between VCC and data will maintain the status of
channel A.
16. Without VCC supply, VIH for either PIO pin should always be greater than or equal to VPUP –0.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com