Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA220 Datasheet HTML 2Page - Texas Instruments INA220 Datasheet HTML 3Page - Texas Instruments INA220 Datasheet HTML 4Page - Texas Instruments INA220 Datasheet HTML 5Page - Texas Instruments INA220 Datasheet HTML 6Page - Texas Instruments INA220 Datasheet HTML 7Page - Texas Instruments INA220 Datasheet HTML 8Page - Texas Instruments INA220 Datasheet HTML 9Page - Texas Instruments INA220 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
10
100
1k
10k
100k
1M
InputFrequency(Hz)
-
50
-
25
0
25
50
75
100
Temperature( C)
°
125
100
80
60
40
20
0
20
40
60
80
100
-
-
-
-
-
160mVRange
320mVRange
80mVRange
40mVRange
-
25
-
50
0
25
50
75
100
125
320mVRange
160mVRange
40mVRange
80mVRange
Temperature( C)
°
100
80
60
40
20
0
20
40
60
80
100
-
-
-
-
-
32VRange
16VRange
-
50
-
25
0
25
50
75
100
Temperature( C)
°
125
50
45
40
35
30
25
20
15
10
5
0
20
15
10
5
0
-5
-10
-15
-20
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
InputVoltage(V)
0.4
32V
16V
-50
-25
0
25
50
75
100
Temperature( C)
°
125
100
80
60
40
20
0
20
40
60
80
100
-
-
-
-
-
INA220
SBOS459D – JUNE 2009 – REVISED SEPTEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VIN+ = 12V, VSENSE = (VIN+ – VIN–) = 32mV, PGA = ÷ 1, and BRNG = 1, unless otherwise noted.
FREQUENCY RESPONSE
ADC SHUNT OFFSET vs TEMPERATURE
Figure 1.
Figure 2.
ADC SHUNT GAIN ERROR vs TEMPERATURE
ADC BUS VOLTAGE OFFSET vs TEMPERATURE
Figure 3.
Figure 4.
ADC BUS GAIN ERROR vs TEMPERATURE
INTEGRAL NONLINEARITY vs INPUT VOLTAGE
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com