Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA220 Datasheet HTML 5Page - Texas Instruments INA220 Datasheet HTML 6Page - Texas Instruments INA220 Datasheet HTML 7Page - Texas Instruments INA220 Datasheet HTML 8Page - Texas Instruments INA220 Datasheet HTML 9Page - Texas Instruments INA220 Datasheet HTML 10Page - Texas Instruments INA220 Datasheet HTML 11Page - Texas Instruments INA220 Datasheet HTML 12Page - Texas Instruments INA220 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
INA220
www.ti.com
SBOS459D – JUNE 2009 – REVISED SEPTEMBER 2010
APPLICATION INFORMATION
The INA220 is a digital current-shunt monitor with an
Data transfer is then initiated and eight bits of data
Two-Wire
and
SMBus-compatible
interface.
It
are sent, followed by an Acknowledge bit. During
provides digital current, voltage, and power readings
data transfer, SDA must remain stable while SCL is
necessary
for
accurate
decision-making
in
HIGH. Any change in SDA while SCL is HIGH is
precisely-controlled systems. Programmable registers
interpreted as a START or STOP condition.
allow
flexible
configuration
for
measurement
resolution,
and
continuous-versus-
Once all data have been transferred, the master
triggered operation. Detailed register information
generates a STOP condition, indicated by pulling
appears at the end of this data sheet, beginning with
SDA from LOW to HIGH while SCL is HIGH. The
Table 3. See the Register Block Diagram for a block
INA220 includes a 28ms timeout on its interface to
diagram of the INA220.
prevent locking up an SMBus.
INA220 TYPICAL APPLICATION
Serial Bus Address
The figure on the front page shows a typical
To communicate with the INA220, the master must
application circuit for the INA220. Use a 0.1mF
first address slave devices via a slave address byte.
ceramic capacitor for power-supply bypassing, placed
The slave address byte consists of seven address
as closely as possible to the supply and ground pins.
bits, and a direction bit indicating the intent of
executing a read or write operation.
The input filter circuit consisting of RF1, RF2, and CF is
not necessary in most applications. If the need for
The INA220 has two address pins, A0 and A1.
filtering is unknown, reserve board space for the
Table 1 describes the pin logic levels for each of the
components and install 0
Ω resistors unless a filter is
16 possible addresses. The state of pins A0 and A1
needed. See the Filtering and Input Considerations
is sampled on every bus communication and should
section.
be set before any activity on the interface occurs. The
address
pins
are
read
at
the
start
of
each
communication event.
BUS OVERVIEW
The INA220 offers compatibility with both Two-Wire
Table 1. INA220 Address Pins and
and SMBus interfaces. The Two-Wire and SMBus
Slave Addresses
protocols are essentially compatible with one another.
A1
A0
SLAVE ADDRESS
The Two-Wire interface is used throughout this data
GND
GND
1000000
sheet as the primary example, with SMBus protocol
GND
VS+
1000001
specified only when a difference between the two
GND
SDA
1000010
systems is being addressed. Two bidirectional lines,
GND
SCL
1000011
SCL and SDA, connect the INA220 to the bus. Both
SCL and SDA are open-drain connections.
VS+
GND
1000100
VS+
VS+
1000101
The device that initiates the transfer is called a
master, and the devices controlled by the master are
VS+
SDA
1000110
slaves. The bus must be controlled by a master
VS+
SCL
1000111
device that generates the serial clock (SCL), controls
SDA
GND
1001000
the bus access, and generates START and STOP
SDA
VS+
1001001
conditions.
SDA
SDA
1001010
To address a specific device, the master initiates a
SDA
SCL
1001011
START condition by pulling the data signal line (SDA)
SCL
GND
1001100
from a HIGH to a LOW logic level while SCL is HIGH.
SCL
VS+
1001101
All slaves on the bus shift in the slave address byte
on the rising edge of SCL, with the last bit indicating
SCL
SDA
1001110
whether a read or write operation is intended. During
SCL
SCL
1001111
the ninth clock pulse, the slave being addressed
responds
to
the
master
by
generating
an
Acknowledge and pulling SDA LOW.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com