Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA220 Datasheet HTML 3Page - Texas Instruments INA220 Datasheet HTML 4Page - Texas Instruments INA220 Datasheet HTML 5Page - Texas Instruments INA220 Datasheet HTML 6Page - Texas Instruments INA220 Datasheet HTML 7Page - Texas Instruments INA220 Datasheet HTML 8Page - Texas Instruments INA220 Datasheet HTML 9Page - Texas Instruments INA220 Datasheet HTML 10Page - Texas Instruments INA220 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
0
5
10
15
20
25
V
Voltage(V)
IN-
30
V
S+
=5V
V
5V
S+
=
V
S+
=3V
V
3V
S+
=
V =3V
S
V =5V
S
-
50
-
25
0
25
50
75
100
Temperature( C)
°
125
1.2
1.0
0.8
0.6
0.4
0.2
0
-
50
-
25
0
25
50
75
100
Temperature( C)
°
125
16
14
12
10
8
6
4
2
0
V =5V
S
V =3V
S
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1k
10k
100k
1M
10M
SCLFrequency(Hz)
V =5V
S
V =
S
3V
5
4
3
2
1
0
1
2
3
4
5
-
-
-
-
-
0
1
2
3
4
5
24
25
26
V
(V)
BUS
5V Error
-
3.3V Error
-
5V+Error
3.3V+Error
300
250
200
150
100
50
0
1k
10k
100k
1M
10M
SCLFrequency(Hz)
V =5V
S
V =3V
S
INA220
www.ti.com
SBOS459D – JUNE 2009 – REVISED SEPTEMBER 2010
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VIN+ = 12V, VSENSE = (VIN+ – VIN–) = 32mV, PGA = ÷ 1, and BRNG = 1, unless otherwise noted.
INPUT CURRENTS WITH LARGE DIFFERENTIAL
VOLTAGES
(VIN+ at 12V, Sweep of VIN–)
ACTIVE IQ vs TEMPERATURE
Figure 7.
Figure 8.
SHUTDOWN IQ vs TEMPERATURE
ACTIVE IQ vs TWO-WIRE CLOCK FREQUENCY
Figure 9.
Figure 10.
TOTAL PERCENT BUS VOLTAGE ERROR
vs SUPPLY VOLTAGE
SHUTDOWN IQ vs TWO-WIRE CLOCK FREQUENCY
Figure 11.
Figure 12.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com