Electronic Components Datasheet Search
  English  ▼

X  

LBS7002L Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS7002L
Description  70MHz Low-loss SAW Filter 0.5MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS7002L Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS7002L Datasheet HTML 1Page - SIPAT Co,Ltd LBS7002L Datasheet HTML 2Page - SIPAT Co,Ltd LBS7002L Datasheet HTML 3Page - SIPAT Co,Ltd LBS7002L Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS7002L
Rev. Date
2007-05-24
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.1
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz Low-loss SAW Filter
0.5MHz Bandwidth
Part Number: LBS7002L
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.95
70
70.05
Insertion Loss
dB
-
9
10
1 dB Bandwidth
MHz
0.35
0.39
-
3 dB Bandwidth
MHz
0.5
0.6
-
35 dB Bandwidth
MHz
-
1.398
1.4
Passband Variation
dB
-
0.1
1
Absolute Delay
usec
-
2.4
-
Ultimate Rejection
dB
40
45
-
Material Temperature coefficient
KHz/°C
0.07
Ambient Temperature
°C
25
Package Size
SMD19.0*6.5B
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=(330+68)nH L2=(470+33)nH
C1=C2=100pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2
C2


Similar Part No. - LBS7002L

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS7002L SIPAT-LBS7002L Datasheet
141Kb / 4P
70MHz Low-loss SAW Filter 0.5MHz Bandwidth
More results

Similar Description - LBS7002L

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07087 SIPAT-LBN07087 Datasheet
262Kb / 3P
70MHz High-Loss SAW Filter 7.75MHz Bandwidth
LBS7002L SIPAT-LBS7002L Datasheet
141Kb / 4P
70MHz Low-loss SAW Filter 0.5MHz Bandwidth
LBN7004L SIPAT-LBN7004L Datasheet
143Kb / 4P
70MHz Low-loss SAW Filter 6MHz Bandwidth
LBN7005L SIPAT-LBN7005L Datasheet
144Kb / 4P
70MHz Low-loss SAW Filter 10MHz Bandwidth
LBS14302 SIPAT-LBS14302 Datasheet
274Kb / 3P
143.625MHz SAW Filter 0.5MHz Bandwidth
LB070DS16 SIPAT-LB070DS16 Datasheet
145Kb / 3P
70MHz Low-loss SAW Filter 12MHz Bandwidth
LBN7004L SIPAT-LBN7004L Datasheet
148Kb / 4P
70MHz Low-loss SAW Filter
LBN7005L SIPAT-LBN7005L Datasheet
149Kb / 4P
70MHz Low-loss SAW Filter
LBS14302 SIPAT-LBS14302 Datasheet
280Kb / 3P
143.625MHz SAW Filter 0.5MHz Bandwidth
SP233 SIPAT-SP233 Datasheet
162Kb / 3P
233MHz SAW Filter 0.5MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com