Electronic Components Datasheet Search
  English  ▼

X  

LBS7002L Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBS7002L
Description  70MHz Low-loss SAW Filter 0.5MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS7002L Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBS7002L Datasheet HTML 1Page - SIPAT Co,Ltd LBS7002L Datasheet HTML 2Page - SIPAT Co,Ltd LBS7002L Datasheet HTML 3Page - SIPAT Co,Ltd LBS7002L Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS7002L
Rev. Date
2007-05-24
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.1
Page 2/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz Low-loss SAW Filter
0.5MHz Bandwidth
Part Number: LBS7002L
Package Dimension
1) ·: Pad Number 1 Index
2) SIPAT: Manufacturer name
3) LBS7002L: Part Number
4) 07XX: Date Code
Input
10
Output
5
Ground
1,2,3,4,
6,7,8,9,
Package: SMD19.0*6.5B
Unit: mm
(10 Places)
(8 Places)
5
4
3
2
1
6
7
8
9
10
1.75
1.0
6.50
6
7
8
9
10
19.00
1.70
1.905
1.02
5
4
3
2
1
SIPAT
LBS7002L
07XX



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com