Electronic Components Datasheet Search
  English  ▼

X  

LBS7002L Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS7002L
Description  70MHz Low-loss SAW Filter 0.5MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS7002L Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS7002L Datasheet HTML 1Page - SIPAT Co,Ltd LBS7002L Datasheet HTML 2Page - SIPAT Co,Ltd LBS7002L Datasheet HTML 3Page - SIPAT Co,Ltd LBS7002L Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS7002L
Rev. Date
2007-05-24
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.1
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz Low-loss SAW Filter
0.5MHz Bandwidth
Part Number: LBS7002L
Typical Performance
Frequency Respond
Passband Respond
65
66
67
68
69
70
71
72
73
74
75
-88.9466
-78.9466
-68.9466
-58.9466
-48.9466
-38.9466
-28.9466
-18.9466
-8.9466
Type Performance
Frequency(MHz)
3dB CF = 70.0254MHz
1dB = 0.38867MHz
3dB = 0.60341MHz
35dB = 1.3988MHz
Insert Loss = -8.9466dB
Passband Ripple = 0dB
Ultimate Rejection = 44.9519dB
Group Delay = 125.3732ns
Phase Linearity = 2.0442deg
Absolute Delay = 2413.3552ns
Horizontal: 1MHz/Div
Vertical: 10dB/Div
68.5
69
69.5
70
70.5
71
71.5
-11.4466
-10.9466
-10.4466
-9.9466
-9.4466
-8.9466
-8.4466
-7.9466
-7.4466
Horizontal: 0.5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±0.2MHz)
Phase Linearity(f0±0.2MHz)
69.4
69.6
69.8
70
70.2
70.4
70.6
2000
2100
2200
2300
2400
2500
2600
2700
2800
X: 70
Y: 2350
Type Performance
Frequency(MHz)
X: 70.2
Y: 2408
X: 69.8
Y: 2456
Horizontal: 0.2MHz/Div
Vertical: 100ns/Div
69.4
69.6
69.8
70
70.2
70.4
70.6
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
X: 70
Y: -0.173
Type Performance
Frequency(MHz)
X: 70.2
Y: -0.416
X: 69.8
Y: -0.09724
Horizontal: 0.2MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com