Electronic Components Datasheet Search
  English  ▼

X  

DS87C520 Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS87C520
Description  EPROM/ROM High-Speed Micro
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C520 Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS87C520 Datasheet HTML 23Page - Dallas Semiconductor DS87C520 Datasheet HTML 24Page - Dallas Semiconductor DS87C520 Datasheet HTML 25Page - Dallas Semiconductor DS87C520 Datasheet HTML 26Page - Dallas Semiconductor DS87C520 Datasheet HTML 27Page - Dallas Semiconductor DS87C520 Datasheet HTML 28Page - Dallas Semiconductor DS87C520 Datasheet HTML 29Page - Dallas Semiconductor DS87C520 Datasheet HTML 30Page - Dallas Semiconductor DS87C520 Datasheet HTML 31Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
27 of 45
Encryption Array
The Encryption Array allows an authorized user to verify EPROM without allowing the true memory to
be dumped. During a verify, each byte is Exclusive NORed (XNOR) with a byte in the Encryption Array.
This results in a true representation of the EPROM while the Encryption is unprogrammed (FFh). Once
the Encryption Array is programmed in a non-FFh state, the verify value will be encrypted.
For encryption to be effective, the Encryption Array must be unknown to the party that is trying to verify
memory. The entire EPROM also should be a non-FFh state or the Encryption Array can be discovered.
The Encryption Array is programmed as shown in Table 9. Note that the programmer cannot read the
array. Also note that the verify operation always uses the Encryption Array. The array has no impact
while FFh. Simply programming the array to a non-FFh state will cause the encryption to function.
OTHER EPROM OPTIONS
The DS87C520 has user selectable options that must be set before beginning software execution. These
options use EPROM bits rather than SFRs.
Program the EPROM selectable options as shown in Table 9. The Option Register sets or reads these
selections. The bits in the Option Control Register have the following function:
Bits 7 to 4
Reserved, program to a 1.
Bit 3
Watchdog POR default. Set = 1; watchdog reset function is disabled on power-up.
Set = 0; watchdog reset function is enabled automatically.
Bits 2 to 0
Reserved. Program to a 1.
SIGNATURE
The Signature bytes identify the product and programming revision to EPROM programmers. This
information is at programming addresses 30h, 31h, and 60h.
ADDRESS
VALUE
MEANING
30h
DAh
Manufacturer
31h
20h
Model
60h
01h
Extension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com