Electronic Components Datasheet Search
  English  ▼

X  

DS87C520 Datasheet(PDF) 34 Page - Dallas Semiconductor

Part # DS87C520
Description  EPROM/ROM High-Speed Micro
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C520 Datasheet(HTML) 34 Page - Dallas Semiconductor

Back Button DS87C520 Datasheet HTML 30Page - Dallas Semiconductor DS87C520 Datasheet HTML 31Page - Dallas Semiconductor DS87C520 Datasheet HTML 32Page - Dallas Semiconductor DS87C520 Datasheet HTML 33Page - Dallas Semiconductor DS87C520 Datasheet HTML 34Page - Dallas Semiconductor DS87C520 Datasheet HTML 35Page - Dallas Semiconductor DS87C520 Datasheet HTML 36Page - Dallas Semiconductor DS87C520 Datasheet HTML 37Page - Dallas Semiconductor DS87C520 Datasheet HTML 38Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
34 of 45
MOVX CHARACTERISTICS (continued)
M2
M1
M0
MOVX CYCLES
tMCS
0
0
0
2 machine cycles
0
0
0
1
3 machine cycles (default)
4 tCLCL
0
1
0
4 machine cycles
8 tCLCL
0
1
1
5 machine cycles
12 tCLCL
1
0
0
6 machine cycles
16 tCLCL
1
0
1
7 machine cycles
20 tCLCL
1
1
0
8 machine cycles
24 tCLCL
1
1
1
9 machine cycles
28 tCLCL
EXTERNAL CLOCK CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Clock High Time
tCHCX
10
ns
Clock Low Time
tCLCX
10
ns
Clock Rise Time
tCLCL
5
ns
Clock Fall Time
tCHCL
5
ns
SERIAL PORT MODE 0 TIMING CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SM2 = 0, 12 clocks per cycle
12tCLCL
Serial Port Clock Cycle
Time
tXLXL
SM2 = 1, 4 clocks per cycle
4tCLCL
ns
SM2 = 0, 12 clocks per cycle
10tCLCL
Output Data Setup to
Clock Rising
tQVXH
SM2 = 1, 4 clocks per cycle
3tCLCL
ns
SM2 = 0, 12 clocks per cycle
2tCLCL
Output Data Hold from
Clock Rising
tXHQX
SM2 = 1, 4 clocks per cycle
tCLCL
ns
SM2 = 0, 12 clocks per cycle
tCLCL
Input Data Hold after
Clock Rising
tXHDX
SM2 = 1, 4 clocks per cycle
tCLCL
ns
SM2 = 0, 12 clocks per cycle
11tCLCL
Clock Rising Edge to
Input Data Valid
tXHDV
SM2 = 1, 4 clocks per cycle
3tCLCL
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com