Electronic Components Datasheet Search
  English  ▼

X  

DS83C520 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS83C520
Description  EPROM/ROM High-Speed Micro
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS83C520 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS83C520 Datasheet HTML 1Page - Dallas Semiconductor DS83C520 Datasheet HTML 2Page - Dallas Semiconductor DS83C520 Datasheet HTML 3Page - Dallas Semiconductor DS83C520 Datasheet HTML 4Page - Dallas Semiconductor DS83C520 Datasheet HTML 5Page - Dallas Semiconductor DS83C520 Datasheet HTML 6Page - Dallas Semiconductor DS83C520 Datasheet HTML 7Page - Dallas Semiconductor DS83C520 Datasheet HTML 8Page - Dallas Semiconductor DS83C520 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1 of 1
REV: 091605
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
FEATURES
80C52 Compatible
8051 Pin- and Instruction-Set Compatible
Four 8-Bit I/O Ports
Three 16-Bit Timer/Counters
256 Bytes Scratchpad RAM
Large On-Chip Memory
16kB Program Memory
1kB Extra On-Chip SRAM for MOVX
ROMSIZE Feature
Selects Internal ROM Size from 0 to 16kB
Allows Access to Entire External Memory Map
Dynamically Adjustable by Software
Useful as Boot Block for External Flash
High-Speed Architecture
4 Clocks/Machine Cycle (8051 = 12)
Runs DC to 33MHz Clock Rates
Single-Cycle Instruction in 121ns
Dual Data Pointer
Optional Variable Length MOVX to Access
Fast/Slow RAM/Peripherals
Power Management Mode
Programmable Clock Source to Save Power
CPU Runs from (crystal/64) or (crystal/1024)
Provides Automatic Hardware and Software Exit
EMI Reduction Mode Disables ALE
Two Full-Duplex Hardware Serial Ports
High Integration Controller Includes:
Power-Fail Reset
Early-Warning Power-Fail Interrupt
Programmable Watchdog Timer
13 Interrupt Sources with Six External
Available in 40-pin PDIP, 44-Pin PLCC, 44-Pin
TQFP, and 40-Pin Windowed CERDIP
Factory Mask DS83C520 or EPROM (OTP)
DS87C520
PIN CONFIGURATIONS
DS87C520/DS83C520
EPROM/ROM High-Speed Microcontrollers
www.maxim-ic.com
TOP VIEW
The High-Speed Microcontroller User’s Guide must be used in
conjunction with this data sheet. Download it at:
www.maxim-ic.com/microcontrollers.


Similar Part No. - DS83C520

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520 Datasheet
877Kb / 44P
EPROM/ROM High-Speed Microcontrollers
DS83C520 DALLAS-DS83C520 Datasheet
1Mb / 42P
EPROM/ROM High-Speed Micro
DS83C520 DALLAS-DS83C520 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS83C520 MAXIM-DS83C520 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Dallas Semiconductor
DS83C520-ECL DALLAS-DS83C520-ECL Datasheet
877Kb / 44P
EPROM/ROM High-Speed Microcontrollers
More results

Similar Description - DS83C520

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C550 DALLAS-DS87C550 Datasheet
763Kb / 50P
EPROM High-Speed Micro with A/D and PWM
logo
Microchip Technology
PIC17C4X MICROCHIP-PIC17C4X Datasheet
1Mb / 240P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
logo
Dallas Semiconductor
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
EPROM/ROM High-Speed Microcontrollers
logo
STMicroelectronics
ST7282 STMICROELECTRONICS-ST7282 Datasheet
260Kb / 23P
ROM FROM EPROM
26-Mar-1997
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
EPROM/ROM Micro with Real Time Clock
DS87C520 DALLAS-DS87C520_1 Datasheet
1Mb / 42P
EPROM/ROM High-Speed Micro
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Microchip Technology
PIC17LC42AT-08I-PT MICROCHIP-PIC17LC42AT-08I-PT Datasheet
1Mb / 241P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
REV: 022207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com