Electronic Components Datasheet Search
  English  ▼

X  

DS83C520 Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS83C520
Description  EPROM/ROM High-Speed Micro
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS83C520 Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS83C520 Datasheet HTML 20Page - Dallas Semiconductor DS83C520 Datasheet HTML 21Page - Dallas Semiconductor DS83C520 Datasheet HTML 22Page - Dallas Semiconductor DS83C520 Datasheet HTML 23Page - Dallas Semiconductor DS83C520 Datasheet HTML 24Page - Dallas Semiconductor DS83C520 Datasheet HTML 25Page - Dallas Semiconductor DS83C520 Datasheet HTML 26Page - Dallas Semiconductor DS83C520 Datasheet HTML 27Page - Dallas Semiconductor DS83C520 Datasheet HTML 28Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
24 of 45
will set an interrupt flag. Regardless of whether the user enables this interrupt, there are then 512 clocks
left until the reset flag is set. Software can enable the interrupt and reset individually. Note that the
Watchdog is a free running timer and does not require an enable.
There are 5 control bits in special function registers that affect the Watchdog Timer and two status flags
that report to the user. WDIF (WDCON.3) is the interrupt flag that is set at timer termination when there
are 512 clocks remaining until the reset flag is set. WTRF (WDCON.2) is the flag that is set when the
timer has completely timed out. This flag is normally associated with a CPU reset and allows software to
determine the reset source.
EWT (WDCON.1) is the enable for the Watchdog timer reset function. RWT (WDCON.0) is the bit that
software uses to restart the Watchdog Timer. Setting this bit restarts the timer for another full interval.
Application software must set this bit before the timeout. Both of these bits are protected by Timed
Access. As mentioned previously, WD1 and 0 (CKCON .7 and 6) select the timeout. The Reset
Watchdog Timer bit (WDCON.0) should be asserted prior to modifying the Watchdog Timer Mode
Select bits (WD1, WD0) to avoid corruption of the watchdog count. Finally, the user can enable the
Watchdog Interrupt using EWDI (EIE.4). The Special Function Register map is shown above.
INTERRUPTS
The DS87C520/DS83C520 provide 13 interrupt sources with three priority levels. The Power-Fail
Interrupt (PFI) has the highest priority. Software can assign high or low priority to other sources. All
interrupts that are new to the 8051 family, except for the PFI, have a lower natural priority than the
originals.
Table 8. Interrupt Sources and Priorities
NAME
FUNCTION
VECTOR
NATURAL
PRIORITY
8051/DALLAS
PFI
Power-Fail Interrupt
33h
1
DALLAS
INT0
External Interrupt 0
03h
2
8051
TF0
Timer 0
0Bh
3
8051
INT1
External Interrupt 1
13h
4
8051
TF1
Timer 1
1Bh
5
8051
SCON0
TI0 or RI0 from serial port 0
23h
6
8051
TF2
Timer 2
2Bh
7
8051
SCON1
TI1 or RI1 from serial port 1
3Bh
8
DALLAS
INT2
External Interrupt 2
43h
9
DALLAS
INT3
External Interrupt 3
4Bh
10
DALLAS
INT4
External Interrupt 4
53h
11
DALLAS
INT5
External Interrupt 5
5Bh
12
DALLAS
WDTI
Watchdog Timeout Interrupt
63h
13
DALLAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com