Electronic Components Datasheet Search
  English  ▼

X  

DS83C520 Datasheet(PDF) 30 Page - Dallas Semiconductor

Part # DS83C520
Description  EPROM/ROM High-Speed Micro
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS83C520 Datasheet(HTML) 30 Page - Dallas Semiconductor

Back Button DS83C520 Datasheet HTML 26Page - Dallas Semiconductor DS83C520 Datasheet HTML 27Page - Dallas Semiconductor DS83C520 Datasheet HTML 28Page - Dallas Semiconductor DS83C520 Datasheet HTML 29Page - Dallas Semiconductor DS83C520 Datasheet HTML 30Page - Dallas Semiconductor DS83C520 Datasheet HTML 31Page - Dallas Semiconductor DS83C520 Datasheet HTML 32Page - Dallas Semiconductor DS83C520 Datasheet HTML 33Page - Dallas Semiconductor DS83C520 Datasheet HTML 34Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
30 of 30
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………………….-0.3V to (VCC + 0.5V)
Voltage Range on VCC Relative to Ground..………………………………………………………………….-0.3V to +6.0V
Operating Temperature Range………………………………………………………………………………….0°C to +70°C
Storage Temperature…………………………………………………………………………………………-55°C to +125°C
Soldering Temperature..………………………………………………………..See IPC/JEDEC J-STD-020 Specification
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC = 4.5V, TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.5
5.0
5.5
V
2
DS87C520
4.25
4.38
4.5
Power-Fail Warning
DS83C520
VPFW
4.25
4.38
4.55
V
2
DS87C520
4.0
4.13
4.25
Minimum Operating
Voltage
DS83C520
VRST
4.0
4.13
4.275
V
2
Supply Current Active Mode
at 33MHz
ICC
30
45
mA
3
Supply Current Idle Mode at 33MHz
IIDLE
15
25
mA
4
Supply Current Stop Mode, Bandgap
Disabled
(0°C to +70°C)
1
100
µA
5
Supply Current Stop Mode, Bandgap
Disabled
(-40°C to +85°C)
ISTOP
1
150
µA
5
Supply Current Stop Mode, Bandgap
Enabled
(0°C to +70°C)
50
170
µA
5
Supply Current Stop Mode, Bandgap
Enabled
(-40°C to +85°C)
ISPBG
50
195
µA
5
Input Low Level
VIL
-0.3
+0.8
V
2
Input High Level
(except XTAL1 and RST)
VIH
2.0
VCC + 0.3
V
2
Input High Level XTAL1 and RST
VIH2
3.5
VCC + 0.3
V
2
Output Low Voltage, Ports 1 and 3
at IOL = 1.6mA
VOL1
0.15
0.45
V
2
Output Low Voltage Ports 0 and 2,
ALE,
PSEN at IOL = 3.2mA
VOL2
0.15
0.45
V
2
Output High Voltage Ports 1, 2, 3,
ALE,
PSEN at IOH = -50µA
VOH1
2.4
V
2, 7
Output High Voltage Ports 1, 2, 3
at IOH = -1.5mA
VOH2
2.4
V
2, 8
Output High Voltage Port 0, 2,
ALE,
PSEN in Bus Mode at IOH = -8mA
VOH3
2.4
V
2, 6
Input Low Current Ports 1, 2, 3 at 0.45V
IIL
-70
µA
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com