Electronic Components Datasheet Search
  English  ▼

X  

DS87C550 Datasheet(PDF) 40 Page - Dallas Semiconductor

Part # DS87C550
Description  EPROM High-Speed Micro with A/D and PWM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C550 Datasheet(HTML) 40 Page - Dallas Semiconductor

Back Button DS87C550 Datasheet HTML 36Page - Dallas Semiconductor DS87C550 Datasheet HTML 37Page - Dallas Semiconductor DS87C550 Datasheet HTML 38Page - Dallas Semiconductor DS87C550 Datasheet HTML 39Page - Dallas Semiconductor DS87C550 Datasheet HTML 40Page - Dallas Semiconductor DS87C550 Datasheet HTML 41Page - Dallas Semiconductor DS87C550 Datasheet HTML 42Page - Dallas Semiconductor DS87C550 Datasheet HTML 43Page - Dallas Semiconductor DS87C550 Datasheet HTML 44Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
DS87C550
40 of 50
SERIAL PORT MODE 0 TIMING CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Serial Port Clock Cycle Time
SM2=0, 12 clocks per cycle
SM2=1, 4 clocks per cycle
tXLXL
12tCLCL
4tCLCL
ns
ns
Output Data Setup to Clock Rising
SM2=0, 12 clocks per cycle
SM2=1, 4 clocks per cycle
tQVXH
12tCLCL
4tCLCL
ns
ns
Output Data Hold from Clock Rising
SM2=0, 12 clocks per cycle
SM2=1, 4 clocks per cycle
tXHQX
12tCLCL
4tCLCL
ns
ns
Input Data Hold from Clock Rising
SM2=0, 12 clocks per cycle
SM2=1, 4 clocks per cycle
tXHDX
12tCLCL
4tCLCL
ns
ns
Clock Rising Edge to Input Data Valid
SM2=0, 12 clocks per cycle
SM2=1, 4 clocks per cycle
tXHDV
12tCLCL
4tCLCL
ns
ns
EXPLANATION OF AC SYMBOLS
In an effort to remain compatible with the original 8051 family, this device specifies the same parameters
as such devices, using the same symbols. For completeness, the following is an explanation of the
symbols.
t
Time
A
Address
C
Clock
D
Input data
H
Logic level high
L
Logic level low
I
Instruction
P
PSEN
Q
Output data
R
RD
signal
V
Valid
W
WR
signal
X
No longer a valid logic level
Z
Tristate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com