Electronic Components Datasheet Search
  English  ▼

X  

DS87C550 Datasheet(PDF) 47 Page - Dallas Semiconductor

Part # DS87C550
Description  EPROM High-Speed Micro with A/D and PWM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C550 Datasheet(HTML) 47 Page - Dallas Semiconductor

Back Button DS87C550 Datasheet HTML 42Page - Dallas Semiconductor DS87C550 Datasheet HTML 43Page - Dallas Semiconductor DS87C550 Datasheet HTML 44Page - Dallas Semiconductor DS87C550 Datasheet HTML 45Page - Dallas Semiconductor DS87C550 Datasheet HTML 46Page - Dallas Semiconductor DS87C550 Datasheet HTML 47Page - Dallas Semiconductor DS87C550 Datasheet HTML 48Page - Dallas Semiconductor DS87C550 Datasheet HTML 49Page - Dallas Semiconductor DS87C550 Datasheet HTML 50Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
DS87C550
47 of 50
80-PIN QUAD FLAT PACK (14.0 MM X 20.0 MM)
NOTES:
1.
DIMENSIONS D1 AND E1 INCLUDE MOLD MISMATCH,
BUT
DO
NOT
INCLUDE
MOLD
PROTRUSION;
ALLOWABLE PROTRUSION IS 0.25 MM PER SIDE.
2.
DETAILS OF PIN 1 IDENTIFIER ARE OPTIONAL BUT
MUST BE LOCATED WITHIN THE ZONE INDICATED.
3.
ALLOWABLE
DAMBAR
PROTRUSION
IS
0.08
MM
TOTAL
IN
EXCESS
OF
THE
B
DIMENSIONS;
PROTRUSION NOT TO BE LOCATED ON LOWER
RADIUS OR FOOT OF LEAD.
DIM
MIN
MAX
A
-
3.40
A1
0.25
-
A2
2.55
2.87
B
0.30
0.45
C
0.13
0.23
D
23.70
24.10
D1
19.90
20.10
E
17.70
18.10
E1
13.90
14.10
e
0.80 BSC
L
0.65
0.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com