Electronic Components Datasheet Search
  English  ▼

X  

ZSC31010 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZSC31010
Description  RBicLite??Low-Cost Sensor Signal Conditioner
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31010 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZSC31010 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
ZSC31010
RBicLite™ Low-Cost Sensor Signal Conditioner
Data Sheet
May 25, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.8
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
13 of 46
Table 1.13 ADC Resolution Characteristics for an Analog Gain of 48
Analog Gain 48
Input Span [mV/V]
Min
Typ
Max
Allowed Offset
(+/- % of Span)
1)
Minimum Guaranteed
Resolution [Bits]
10.8
15.0
19.8
3%
13
7.2
10.0
13.2
35%
12.4
4.3
6.0
7.9
100%
11.7
2.9
4.0
5.3
190%
11.1
1.8
2.5
3.3
350%
10.4
1.0
2)
1.4
1.85
675%
9.6
0.72
2)
1.0
1.32
975%
9.1
1) In addition to Tco,Tcg
2) Yellow shadowing indicates that for these input spans with the selected analog gain setting, the quantization noise is > 0.1% FSO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com