Electronic Components Datasheet Search
  English  ▼

X  

ZSC31010 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ZSC31010
Description  RBicLite??Low-Cost Sensor Signal Conditioner
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31010 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ZSC31010 Datasheet HTML 35Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 36Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 37Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 38Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 39Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 40Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 41Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 42Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
ZSC31010
RBicLite™ Low-Cost Sensor Signal Conditioner
Data Sheet
May 25, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.8
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
39 of 46
4.2.
Absolute Analog Voltage Output
The figure below shows an application circuit for an absolute voltage output configuration with temperature
compensation via internal temperature PTAT, and external JFET regulation for all industry standard applications.
The gate-source cutoff voltage (VGS) of the selected JFET must be ≤ -2 V.
Figure 4.2
Absolute Analog Voltage Output
2
1
5
6
7
8
3
4
ZSC31010
Bsink
VBP
N/C
VBN
VSS
SIGTM
VDD
Vgate
0.1 F
Vsupply
Ground
+5.5 to +30 V
OUT
Optional Bsink
SD
MMBF4392
The output signal range can be one of the following options:
0 to 1 V analog output. The absolute voltage output reference is trimmable: 1 V (± 3 mV) in the 1 V output
mode via a 4-bit EEPROM field (see section 2.4.3).
Rail-to-rail analog output. The on-chip reference for the JFET regulator block is trimmable: 5 V (± 15 mV) in
the ratiometric output mode via a 4-bit EEPROM field (see section 2.4.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com