Electronic Components Datasheet Search
  English  ▼

X  

ZSC31010 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZSC31010
Description  RBicLite??Low-Cost Sensor Signal Conditioner
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31010 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZSC31010 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31010 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
ZSC31010
RBicLite™ Low-Cost Sensor Signal Conditioner
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.8
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished in this publication is subject to changes without notice.
Brief Description
The RBicLite™ ZSC31010 is a sensor signal condi-
tioner integrated circuit, which enables easy and pre-
cise calibration of resistive bridge sensors via
EEPROM. When mated to a resistive bridge sensor,
it will digitally correct offset and gain with the option
to correct offset and gain coefficients and linearity
over temperature. A second-order compensation can
be enabled for temperature coefficients of gain or
offset or bridge linearity. The RBicLite™ communi-
cates via ZMDI’s ZACwire™ serial interface to the
host computer and is easily mass calibrated in a
Windows® environment. Once calibrated, the output
pin Sig™ can provide selectable 0 to 1 V, rail-to-rail
ratiometric analog output, or digital serial output of
bridge data with optional temperature data.
Features
Digital compensation of sensor offset, sensitivity,
temperature drift, and non-linearity
Accommodates differential sensor signal spans,
from 1.2 mV/V to 60 mV/V
ZACwire™ One-Wire Interface (OWI)
Internal temperature compensation and detection
via bandgap PTAT (proportional to absolute
temperature)
Output options: rail-to-rail analog output voltage,
absolute analog voltage, digital ZACwire™ One-
Wire Interface (OWI)
Optional sequential output of both temperature
and bridge readings on ZACwire™ digital output
Fast response time, 1 ms (typical)
High voltage protection up to 30 V with
external JFET
Chopper-stabilized true differential ADC
Buffered and chopper-stabilized output DAC
Benefits
No external trimming components required
PC-controlled configuration and calibration via
ZACwire™ One-Wire Interface – simple, low cost
High accuracy (±0.1% FSO @ -25 to 85°C;
±0.25% FSO @ -50 to 150°C)
Single pass calibration – quick and precise
Suitable for battery-powered applications
Small SOP8 package
Available Support
Development Kit available
Multi-Unit Calibrator Kit available
Support for industrial mass calibration available
Quick circuit customization possible for large
production volumes
Physical Characteristics
Supply voltage 2.7 to 5.5 V, with external JFET
5.5V to 30 V
Current consumption de
pending on adjusted
sample rate: 0.25 mA to 1 mA
Wide operational temperature:
–50 to +150°C
ZSC31010 Application Circuit – Digital Output
ZSC3101
Bsink
VB
VBN
VSS
SigTM
Vgate
0
P
0.1 F
V
upply
Ground
+
.5 V
OUT/OWI
s
4.5 to +5
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com