Electronic Components Datasheet Search
  English  ▼

X  

ZSC31015 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZSC31015
Description  RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31015 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZSC31015 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
ZSC31015
RBicdLite™ Analog Output Sensor Signal Conditioner w/ Diagnostic Features
Data Sheet
October 28, 2012
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 2.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
13 of 52
Table 1.14 ADC Resolution Characteristics for an Analog Gain of 48
Analog Gain 48
Input Span [mV/V]
Allowed Offset
(+/- % of Span)
1
Minimum Guaranteed
Resolution [Bits]
Min
Typ
Max
10.8
15.0
19.8
3%
13.0
7.2
10.0
13.2
38%
12.4
4.3
6.0
7.9
107%
11.7
2.9
4.0
5.3
194%
11.1
1.8
2.5
3.3
351%
10.4
1.0
1.4
1.85
678%
9.6
0.72
1.0
1.32
976%
9.1
1)
In addition to Tco, Tcg.
Important Note: The yellow shadowed fields indicate that for these input spans
with the selected analog gain setting, the quantization noise is higher than 0.1% FSO.
Table 1.15 ADC Resolution Characteristics for an Analog Gain of 96
Analog Gain 96
Input Span [mV/V]
Allowed Offset
(+/- % of Span)
1
Minimum Guaranteed
Resolution [Bits]
Min
Typ
Max
4.3
6.0
7.9
21%
12.7
2.9
4.0
5.3
64%
12.1
1.8
2.5
3.3
142%
11.4
1.0
1.4
1.85
306%
10.6
0.72
1.0
1.32
455%
10.1
1)
In addition to Tco, Tcg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com