Electronic Components Datasheet Search
  English  ▼

X  

ZSC31015 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZSC31015
Description  RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31015 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZSC31015 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
ZSC31015
RBicdLite™ Analog Output Sensor Signal Conditioner w/ Diagnostic Features
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 2.00— October 28, 2012. All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated,
stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
For more information, contact ZMDI via SSC@zmdi.com.
ZSC31015
VBP
VBN
VSS
SIG™
Vgate
0.1 F
V
supply
Ground
+2.7 to +5.5 V
OUT/OWI
VDD
Brief Description
The RBicdLite™ is adjustable to nearly all piezo-resis-
tive bridge sensors. Measured and corrected bridge
values are provided at the SIG™ pin, which can be
configured as an analog voltage output or as a one-
wire serial digital output.
The digital one-wire interface (OWI) can be used for
a simple PC-controlled calibration procedure to
program a set of calibration coefficients into an on-
chip EEPROM. The calibrated RBicdLite™ and a
specific sensor are mated digitally: fast, precise, and
without the cost overhead associated with trimming
by external devices or laser. Integrated diagnostics
functions make the RBicdLite™ particularly well-suited
for automotive applications.*
Features
Digital compensation of sensor offset, sensitivity,
temperature drift, and non-linearity
Programmable analog gain and digital gain;
accommodates bridges with spans < 1mV/V
and high offset
Many diagnostic features on chip (e.g., EEPROM
signature, bridge connection checks, bridge short
detection, power loss detection)
Independently programmable high and low
clipping levels
24-bit customer ID field for module traceability
Internal temperature compensation reference (no
external components)
Option for external temperature compensation
with addition of single diode
Output options: rail-to-rail ratiometric analog
voltage (12-bit resolution), absolute analog
voltage, digital one-wire interface
Fast power-up to data out response; output
available 5ms after power-up
Current consumption depends on programmed
sample rate: 1mA down to 250
A (typical)
Fast response time: 1ms (typical)
High voltage protection up to 30V with
external JFET
Benefits
No external trimming components required
Simple PC-controlled configuration and
calibration via one-wire interface
High accuracy (±0.1% FSO @ -25 to 85°C;
±0.25% FSO @ -50 to 150°C)
Single-pass calibration – quick and precise
Available Support
Development Kit available
Multi-Unit Calibrator Kit available
Support for industrial mass calibration available
Quick circuit customization possible for large
production volumes
Physical Characteristics
Wide operation temperature: –50°C to +150°C
Supply voltage 2.7 to 5.5V; with external JFET,
5.5 to 30V
Small SOP8 package
ZSC31015 Application Circuit
* Not AEC-Q100-qualified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com