Electronic Components Datasheet Search
  English  ▼

X  

ZSC31015 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ZSC31015
Description  RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31015 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ZSC31015 Datasheet HTML 35Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 36Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 37Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 38Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 39Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 40Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 41Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 42Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
ZSC31015
RBicdLite™ Analog Output Sensor Signal Conditioner w/ Diagnostic Features
Data Sheet
October 28, 2012
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 2.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
39 of 52
3.6.2.1.
Gain_B Interpretation
Gain_B should be interpreted as a number in the set [0, 64]. The MSB (bit 14) is a scaling bit that will multiply the
effect of the Gain_B[13:0] term by 8. The remaining bits Gain_B[13:0] represent a number in the range of [0,8)
with Gain_B[13] having a weighting of 4, and each subsequent bit has a weighting of ½ the previous bit.
Table 3.7
Gain_B [13:0] Weightings
Bit Position
Weighting
13
2
2 = 4
12
2
1 = 2
11
2
0 = 1
10
2
-1
...
...
3
2
-8
2
2
-9
1
2
-10
0
2
-11
Examples:
The binary number: 010010100110001B = 4.6489; Gain_B[14] is 0B, so the number represented by
Gain_B[13:0] is not multiplied by 8.
The binary number: 101100010010110B = 24.586; Gain_B[14] is 1B, so the number represented by
Gain_B[13:0] is multiplied by 8.
3.6.2.2.
Offset_B Interpretation
Offset_B is a 14-bit unsigned binary number. The MSB has a weighting of 8192. The following bits then have a
weighting of: 4096, 2048, 1024 …
Table 3.8
Offset_B Weightings
Bit Position
Weighting
13
8192
12
4096
11
2048
.
.
.
1
2
1 = 2
0
2
0 = 1
For example, the binary number 1111 1111 1100 = 4092.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com