Electronic Components Datasheet Search
  English  ▼

X  

BSS138 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BSS138
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS138 Datasheet(HTML) 1 Page - Diodes Incorporated

  BSS138 Datasheet HTML 1Page - Diodes Incorporated BSS138 Datasheet HTML 2Page - Diodes Incorporated BSS138 Datasheet HTML 3Page - Diodes Incorporated BSS138 Datasheet HTML 4Page - Diodes Incorporated BSS138 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DS30144 Rev. 6 - 2
1 of 5
BSS138
www.diodes.com
BSS138
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT
TRANSISTOR
Features
·
Low On-Resistance
·
Low Gate Threshold Voltage
·
Low Input Capacitance
·
Fast Switching Speed
·
Low Input/Output Leakage
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
BSS138
Units
Drain-Source Voltage
VDSS
50
V
Drain-Gate Voltage RGS
£ 20KW
VDGR
50
V
Gate-Source Voltage
Continuous
VGSS
±20
V
Drain Current
Continuous
ID
200
mA
Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
417
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
·
Case: SOT-23, Molded Plastic
·
Case Material - UL Flammability Classification
Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
Marking (See Page 2): K38
·
Ordering & Date Code Information: See Page 2
·
Weight: 0.008 grams (approx.)
Mechanical Data
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
D
G
S
Electrical Characteristics
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Drain-Source Breakdown Voltage
BVDSS
50
75
¾
V
VGS = 0V, ID = 250
mA
Zero Gate Voltage Drain Current
IDSS
¾¾
0.5
µA
VDS = 50V, VGS = 0V
Gate-Body Leakage
IGSS
¾¾
±100
nA
VGS =
±20V, VDS = 0V
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(th)
0.5
1.2
1.5
V
VDS =VGS, ID =-250
mA
Static Drain-Source On-Resistance
RDS (ON)
¾
1.4
3.5
W
VGS = 10V, ID = 0.22A
Forward Transconductance
gFS
100
¾¾
mS
VDS =25V, ID = 0.2A, f = 1.0KHz
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
¾¾
50
pF
VDS = 10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
¾¾
25
pF
Reverse Transfer Capacitance
Crss
¾¾
8.0
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
¾¾
20
ns
VDD = 30V, ID = 0.2A,
RGEN = 50
W
Turn-Off Delay Time
tD(OFF)
¾¾
20
ns
Notes:
1. Device mounted on FR-5 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes, Inc. suggested pad layout AP02001,
which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to miminize self-heating effect.
Source
Gate
Drain
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm


Similar Part No. - BSS138

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS138 ZETEX-BSS138 Datasheet
58Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Siemens Semiconductor G...
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
logo
Fairchild Semiconductor
BSS138 FAIRCHILD-BSS138 Datasheet
125Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
BSS138 CET-BSS138 Datasheet
481Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
logo
Weitron Technology
BSS138 WEITRON-BSS138 Datasheet
222Kb / 4P
Small Signal MOSFET N-Channel
More results

Similar Description - BSS138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com