Electronic Components Datasheet Search
  English  ▼

X  

BSS138 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BSS138
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS138 Datasheet(HTML) 3 Page - Diodes Incorporated

  BSS138 Datasheet HTML 1Page - Diodes Incorporated BSS138 Datasheet HTML 2Page - Diodes Incorporated BSS138 Datasheet HTML 3Page - Diodes Incorporated BSS138 Datasheet HTML 4Page - Diodes Incorporated BSS138 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS30144 Rev. 6 - 2
3 of 5
BSS138
www.diodes.com
0.65
T , JUNCTION TEMPERATURE (°C)
j
Fig. 3 Drain-Source On Resistance vs. Junction Temperature
0.85
1.05
1.25
1.65
1.45
1.85
2.05
2.25
2.45
-55
-5
45
95
145
V
= 10V
GS
V
= 4.5V
GS
I = 0.5A
D
I = 0.075A
D
0
0.2
0.4
0.6
0.8
1
1.4
1.2
2
1.8
1.6
-40
-55
5
-25 -10
50
20
35
80
95
65
110 125
140
T , JUNCTION TEMPERATURE (°C)
j
Fig. 4 Gate Threshold Voltage vs. Junction Temperature
I = 1.0mA
D
0
I , DRAIN CURRENT (A)
D
Fig. 5 Drain-Source On Resistance vs. Drain Current
1
2
3
4
5
6
7
8
0
0.02
0.04
0.06
0.08
0.16
0.14
0.12
0.1
150
°C
-55
°C
25
°C
V
= 2.5V
GS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com