Electronic Components Datasheet Search
  English  ▼

X  

BSS138 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BSS138
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS138 Datasheet(HTML) 2 Page - Diodes Incorporated

  BSS138 Datasheet HTML 1Page - Diodes Incorporated BSS138 Datasheet HTML 2Page - Diodes Incorporated BSS138 Datasheet HTML 3Page - Diodes Incorporated BSS138 Datasheet HTML 4Page - Diodes Incorporated BSS138 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS30144 Rev. 6 - 2
2 of 5
BSS138
www.diodes.com
K38 = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
K38
Marking Information
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
BSS138-7
SOT-23
3000/Tape & Reel
Ordering Information (Note 3)
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
0
0.1
0.2
0.3
0.4
0.5
0.6
1
0
3
2
5
4
7
6
8
9
10
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 1 Drain-Source Current vs. Drain-Source Voltage
T = 25
°C
j
V
= 3.5V
GS
V
= 3.25V
GS
V
= 3.0V
GS
V
= 2.75V
GS
V
= 2.5V
GS
0
V
, GATE-SOURCE VOLTAGE (V)
GS
Fig. 2 Transfer Characteristics
0.1
0.2
0.3
0.5
0.4
0.6
0.7
0.8
0
1
1.5
0.5
2
3.5
4
4.5
2.5
3
-55
°C
150
°C
25
°C
V
= 1V
DS
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
Code
JK
L
M
N
P
R
ST
U
V
W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com