Electronic Components Datasheet Search
  English  ▼

X  

EAEVALEDIP240B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP240B
Description  embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP240B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EAEVALEDIP240B Datasheet HTML 1Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 2Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
EAeDIP240-7
Page 2
Specifications may be changed without
prior notice. Printing error reserved
CONTENTS
GENERAL ..................................................................................................................... 3
ELECTRICAL SPECIFICATIONS ................................................................................... 4
RS-232 .......................................................................................................................... 5
SPI ................................................................................................................................ 6
I²C ................................................................................................................................ 7
SOFTWAREPROTOCOL ............................................................................................ 8-9
TOUCH PANEL ............................................................................................................ 10
CHARACTER SETS .................................................................................................. 11-12
COMMANDS / FUNCTIONS INTABULAR FORM ..................................................... 13-15
ACKNOWLEDGEMENTS FROMTHE CONTROL PANEL............................................. 16
PROGRAMMING EXAMPLE ........................................................................................ 17
PROGRAMMING MACROS ...................................................................................... 18-19
DIMENSIONS .............................................................................................................. 20
Documentation of revision
Date
Type
Old
New
Reason / Description
15.02.04
V1.0
Preliminary version
24.11.04
V1.1
-
-
Modulo 8
New Command Macro-Process #MD../#MZ../#MS..
Adaptor MAX232 circuit diagramm
Modulo 256
new firmware
-
typing error in protocol description
18.01.05
V1.2
New Command Terminal-Cursor Save/Restore #TS/#TR
New Command Bargraph send continous #AQ 2
new firmware
07.04.05
V1.3
New addressable 2-wire RS485 Interface with SN75176
New 32 additional I2C Addresses
New Commands #AG, #SI, #KA
new firmware
13.05.05
V1.4
Bugfix in SPI- I2C-Mode after wrong Packet (NAK)
new firmware
04.10.05
V1.5
some problems with opertating >60°C (display corrupted)
New Protocoll Info Command 'DC2 1 P bcc'
Bugfix in #GZ (pointsize), #B RLOU (typ2+3 linewitdh)
new firmware
18.10.05
V1.6
OUT-port functionality on not used configuration pins
new firmware
17.02.06
-
Drawing for mounting panel EA 0FP241-7SW included
-
27.04.06
-
V/A 61.0mm
Revised drawing (V/A = 60.4mm and pcb Rev.D)
29.06.07
-
Insert EA eDIP240J-7LA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com