Electronic Components Datasheet Search
  English  ▼

X  

EAEVALEDIP240B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP240B
Description  embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP240B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EAEVALEDIP240B Datasheet HTML 1Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 2Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
EAeDIP240-7
Page 3
Specifications may be changed without
prior notice. Printing error reserved
GENERAL
The EA eDIP240-7 is the world’s first display with integrated intelligence! As well as a number of built-in fonts
which can be used with pixel accuracy it also features a whole range of sophisticated graphics functions.
Supplied with 5V, the display is ready for operation immediately. It is controlled via one of the 3 integrated RS-
232, SPI or I²C interfaces.
Graphics commands similar to high-level languages are used for programming. There is no longer any need
for the time-consuming programming of character sets and graphics routines. The ease of use of this display
with its touch panel reduces development time dramatically.
HARDWARE
The display is designed to work with an operating voltage of +5V. Data transfer is either serial and
asynchronous using the RS-232 format or synchronous using the SPI or I²C specification. A simple protocol
is used for all data transfer variants to improve data reliability.
ANALOGTOUCH PANEL
The EA eDIP240B-7LWTP and EA eDIP240J-7LWTP versions are equipped with an integrated touch panel.
You can make entries and menu or bar graph settings by touching the display. The labeling of the “keys” is
flexible and can also be changed during runtime (different languages, icons). The drawing of the individual
“keys” and the labeling is handled by the integrated software.
LED BACKLIGHT,TYPES B AND J
All displays in blue-and-white (B) and black-and-white (J) are equipped with a modern, low power consumption
LED backlight. Whereas the black&white and the amber-colored display can still be read even when the
backlight is switched off completely, the blue-white display requires a minimum level of illumination to be legible.
The backlight can be switched off with a software command and the brightness can be adjusted.
We recommend the black&white version for use in direct sunlight. For all other applications, we recommend
the high-contrast, blue-white version.
Note that the white LED backlight is subject to aging. That means switching off or dimming backlight is a must
for 24-hour-applications. Not so for the amber backlight.
SOFTWARE
The display is programmed by means of commands, such as
Draw a rectangle from (0,0) to (64,15). No
additional software or drivers are required. Strings can be placed withpixel accuracy. Flashing attributes can
be assigned as often as you like – for graphics as well. Text and graphics can be combined at any time. Up
to 16 different character sets can be used. Each one can be zoomed from 2 to 4 times. With the largest
character set, the words and numbers displayed will fill the screen.
ACCESSORIES
Evaluation-Board (Programmer) for internal data flash memory
The display is shipped fully programmed and with all fonts. The additional Evaluation-Board is thus
generally not required.
However, if the internal character sets have to be changed or extended, or if images or macros have
to be stored internally, the Evaluation-Board EA 9777-2USB, which is available as an accessory, will
burn the data/images you have created into the on-board EEPROM (32/64 kB) permanently.
The Evaluation-Board runs under Windows and is connected to the PC’s USB interface. It is shipped
with an interface cable and the installation software. The Evaluation-Board is equipped with serveral
LEDs, pushbottons and potentiometer to test all peripherial modes of the eDIP.
Interface-Expansion for Evaluation-Board (included in the Starter-Kit):
Wtih the expansion EA 9777-2PE for the Evaluation-Board all interfaces of the display are made
available with the help from small adapter boards: RS-232, RS-485, SPI, I²C, RS-232 (CMOS level).
Further information you will find in the datasheet of the Evalution-Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com