Electronic Components Datasheet Search
  English  ▼

X  

EAEVALEDIP240B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP240B
Description  embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP240B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EAEVALEDIP240B Datasheet HTML 1Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 2Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
EAeDIP240-7
Page 5
Specifications may be changed without
prior notice. Printing error reserved
RS-232/RS-422 INTERFACE
Wiring the display as shown below selects the RS-232/RS-422 interface. The pin assignment is
shown in the table on the right.
The RxD and TxD lines have a 5V
CMOS line level. If “genuine” RS-
232 levels are required (e.g. for
direct connection to a PC), an
external level converter such as the
ICL232 is necessary.
Baud rates
Baud0 Baud1 Baud2
Data format
8,N,1
0
0
0
1200
1
0
0
2400
0
1
0
4800
1
1
0
9600
0
0
1
19200
1
0
1
38400
0
1
1
57600
1
1
1
115200
Pinout eDIP240-7
RS-232 / RS-422 mode
Pin
Symbol
In/Out Function
Pin Symbol Function
1
GND
-
Ground Potential for logic (0V)
21
N.C.
not connected
2
VDD
-
Power supply for logic (+5V)
22
N.C.
not connected
3
VADJ
In
Operating voltage for LC driving
(input)
23
N.C.
not connected
4
VOUT
Out
Output voltage for LC driving
24
N.C.
not connected
5
RESET
-
L: Reset
25
N.C.
not connected
6
BAUD0
In
Baud Rate 0
26
N.C.
not connected
7
BAUD1
In
Baud Rate 1
27
N.C.
not connected
8
BAUD2
In
Baud Rate 2
28
N.C.
not connected
9
ADR0
In
Address 0 for RS-485 (V1.3 or later)
29
N.C.
not connected
10
RxD
In
Receive Data
30
N.C.
not connected
11
TxD
Out
Transmit Data
31
N.C.
not connected
12
EN485
Out
Transmit Enable for RS-485 driver
32
N.C.
not connected
13
DPOM
In
L: disable Power-On-Macro
do not connect for normal operation
33
N.C.
not connected
14
ADR1
In
Address 1 for RS-485 (V1.3 or later)
34
N.C.
not connected
15
ADR2
In
Address 2 for RS-485 (V1.3 or later)
35
N.C.
not connected
16
BUZZ
Out
Buzzer output
36
N.C.
not connected
17 EEP_SDA
Bidir. Serial Data Line for int. EEPROM
37
N.C.
not connected
18 EEP_SCL
Out
Serial Clock Line for int. EEPROM
38
N.C.
not connected
19
EEP_WP
In
H: Write Protect for int. EEPROM
39
N.C.
not connected
20
TEST
SBUF
IN
Out
open-drain with internal pullup 20..50k
IN (Power-On) L: Testmode
OUT L: data in sendbuffer
40
N.C.
not connected
Note:
At pin 20 (SBUF), the display sets a low level to indicate that data is available to be fetched from the internal send buffer.
This line can, for instance, be connected to an interrupt input of the host system.
BAUD RATES
The baud rate is set with pins 6, 7 and 8 (Baud0 through 2). The data
format is set permanently to 8 data bits, 1 stop bit, no parity.
RTS/CTS handshaking lines are not required. The integrated software
protocol takes on the necessary control functions (see pages 8 and 9).
Application example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com