Electronic Components Datasheet Search
  English  ▼

X  

PL11 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # PL11
Description  DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL11 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button PL11 Datasheet HTML 3Page - Omron Electronics LLC PL11 Datasheet HTML 4Page - Omron Electronics LLC PL11 Datasheet HTML 5Page - Omron Electronics LLC PL11 Datasheet HTML 6Page - Omron Electronics LLC PL11 Datasheet HTML 7Page - Omron Electronics LLC PL11 Datasheet HTML 8Page - Omron Electronics LLC PL11 Datasheet HTML 9Page - Omron Electronics LLC PL11 Datasheet HTML 10Page - Omron Electronics LLC PL11 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
H3CA
7
Dimensions
Note: All units are in millimeters unless otherwise indicated.
■ Timers
■ Accessories (Order Separately)
Track Mounted Front Connecting Socket
Panel Cutouts
H3CA-A/-8H
H3CA-FA
Horizontally connecting n units
No front cover:
N = (48n
− 2.5)+1/−0
With front cover:
N = {48n
− 2.5 + (n − 1) x 3}+1/−0
Mounting Holes
Two,M4 or 4.5 dia. holes
(N)
When mounting
a single unit
t = 1 to 3.2 mm
Note: When mounting two or more
timers in line, dimension L
between two adjacent timers
should be 10 mm min.
45+0.6 (N)
−0
Mounting Holes
P2CF-11
Terminal Arrangement
(Top View)
108.1
P2CF-08
97.2
Mounting Holes
Terminal Arrangement
(Top View)
Eleven, M3.5
× 7.5
sems
Eight, M3.5
× 7.5
sems
Two,
4.5 dia.
holes
Two,
4.5 dia.
holes
Note: P2CF-08 can be
used as a front
connecting socket.
Mounting Height of
Timer with Socket
Mounting Height of
Timer with Socket
Two, 4.5 dia. or
Two, M4
Two, 4.5 dia.
mounting holes
Note: P2CF-11 can be
used as a front
connecting socket.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com