Electronic Components Datasheet Search
  English  ▼

X  

PL11 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # PL11
Description  DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL11 Datasheet(HTML) 1 Page - Omron Electronics LLC

  PL11 Datasheet HTML 1Page - Omron Electronics LLC PL11 Datasheet HTML 2Page - Omron Electronics LLC PL11 Datasheet HTML 3Page - Omron Electronics LLC PL11 Datasheet HTML 4Page - Omron Electronics LLC PL11 Datasheet HTML 5Page - Omron Electronics LLC PL11 Datasheet HTML 6Page - Omron Electronics LLC PL11 Datasheet HTML 7Page - Omron Electronics LLC PL11 Datasheet HTML 8Page - Omron Electronics LLC PL11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CSM_H3CA_DS_E_
3_1
1
Solid-state Timer
H3CA
DIN-sized (48 x 48, 45 x 75 mm) Timer with
Digital Setting and LCD Display
• Dual power supplies for free AC/DC.
• Eight operation modes selectable with one unit.
• Any desired time can be set digitally within a range from 0.1
seconds to 9,990 hrs.
• Four external signal inputs.
• ON/OFF indicator for control output and bar indicator for
remaining time.
• Conforms to UL, CSA, and CE marking.
Ordering Information
Note: 1. Specify both the model number and supply voltage when ordering for the H3CA-8H and H3CA-8.
2. The operation/resetting system depends on the selected operation mode. For details, see “Timing Chart”.
3. The 8 operation modes are as follows:
A: ON-delay operation
B: Repeat cycle operation
C: Signal ON/OFF-delay operation (1)
D: Signal OFF-delay operation (1)
E: Interval operation
F: One-shot and flicker operation
G: Signal ON/OFF-delay operation (2)
H: Signal OFF-delay operation (2)
■ Accessories (Order Separately)
Note: Track mounted socket can be used as a front connecting socket.
Specifications
■ Time Ranges
A desired time can be set within a range of 0.1 s to 9,990 hrs by combining the three thumbwheel switch modules for time setting and one module
for time unit selection.
Operation/resetting
system
Operation mode
Terminal
Time-limit
contact
Instantaneous
contact
Mounting
Surface
mounting/
track mounting
Flush mounting
Time-limit operation/self-
resetting/external
resetting (see note 2)
8 operation modes
(selectable)
(see note 3)
11-pin round socket SPDT
---
H3CA-A
H3CA-A
Front screw
H3CA-FA
---
Time-limit operation/
self-resetting
ON-delay operation 8-pin round socket
DPDT
---
H3CA-8
H3CA-8
SPDT
SPDT
H3CA-8H
H3CA-8H
Timer
Track mounted socket
(See note.)
Back connecting socket
Solder terminal
Screw terminal
H3CA-A
P2CF-11
PL11
P3GA-11
H3CA-8H/H3CA-8
P2CF-08
PL08
P3G-08
Time unit
0.1 s
1 s
0.1 min
1 min
0.1 hrs
1 hr
10 hrs
Time range
1 to 999 (3 digits)


Similar Part No. - PL11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PL11 OMRON-PL11 Datasheet
323Kb / 7P
GENERAL PURPOSE RELAY
PL11 OMRON-PL11 Datasheet
685Kb / 28P
General-purpose Relays and Power Relays Sockets
PL11 OMRON-PL11 Datasheet
878Kb / 27P
General-purpose Relays and Power Relays Sockets
01/07
PL11-Q OMRON-PL11-Q Datasheet
323Kb / 7P
GENERAL PURPOSE RELAY
PL11-Q OMRON-PL11-Q Datasheet
685Kb / 28P
General-purpose Relays and Power Relays Sockets
More results

Similar Description - PL11

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNP105011 PANASONIC-LNP105011 Datasheet
90Kb / 1P
288 X 96 mm 5 mm 48 X 16 Dots
logo
NXP Semiconductors
PCD8544 PHILIPS-PCD8544 Datasheet
154Kb / 32P
48 x 84 pixels matrix LCD controller/driver
1999 Apr 12
OM6211 PHILIPS-OM6211 Datasheet
243Kb / 48P
48 X 84 dot matrix LCD driver
2002 Jan 17
logo
List of Unclassifed Man...
FKA01X724 ETC2-FKA01X724 Datasheet
169Kb / 3P
24 x 48 digital counters
logo
Omron Electronics LLC
E5C2 OMRON-E5C2 Datasheet
277Kb / 6P
DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C4 OMRON-E5C4 Datasheet
178Kb / 8P
DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
logo
Fuji Electric
EDS11-158C FUJI-EDS11-158C Datasheet
248Kb / 12P
PX series digital temperature controller MICRO-CONTROLLER X (48 횞 48 mm)
logo
Omron Electronics LLC
H3CA-A OMRON-H3CA-A Datasheet
2Mb / 16P
DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
Y92S-27 OMRON-Y92S-27 Datasheet
6Mb / 61P
DIN 48 x 48-mm Multifunctional Timer Series
logo
Schneider Electric
RE48ASETCOV SCHNEIDER-RE48ASETCOV Datasheet
104Kb / 3P
Harmony, Setting protective cover for timing relay 48 x 48 mm
Aug 25, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com