Electronic Components Datasheet Search
  English  ▼

X  

PL11 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # PL11
Description  DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL11 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button PL11 Datasheet HTML 8Page - Omron Electronics LLC PL11 Datasheet HTML 9Page - Omron Electronics LLC PL11 Datasheet HTML 10Page - Omron Electronics LLC PL11 Datasheet HTML 11Page - Omron Electronics LLC PL11 Datasheet HTML 12Page - Omron Electronics LLC PL11 Datasheet HTML 13Page - Omron Electronics LLC PL11 Datasheet HTML 14Page - Omron Electronics LLC PL11 Datasheet HTML 15Page - Omron Electronics LLC PL11 Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
H3CA
15
Input/Output
The operation of the output contacts varies with the operation
specifications. Before making connections, check the operation
specifications and operating conditions using the application
examples provided.
The H3CA-A and H3CA-FA do not use transformers. Simultaneous
inputting power from two or more power supplies to separate timers
or counters from a single input contact or transistor is not possible.
For the power supply of an input device, use an isolating transformer,
of which the primary and secondary windings are mutually isolated
and the secondary winding is not grounded.
A transformer is not used in the power supplies for the H3CA-A and
H3CA-FA. You can therefore receive an electrical shock by touching
the input terminals when the power supply voltage is being applied.
Take adequate precautions to protect against electrical shock.
Inputs to input signal terminals are made by shorting the individual
input terminals to the common terminal (terminal 3 for the H3CA-A or
terminal (X) for the H3CA-FA). Internal circuits may be damaged if
connections are made to any other terminals or if voltages are
applied.
If contacts are used to short the terminals, they will be switching a
low voltage (approximately 5 VDC) and current (approximately
100
µA). You must therefore use high-reliability contacts with a
contact resistance of 1 k
Ω or less when shorted and residual voltage
of 1 V maximum when shorted.
The reset input will take priority if both the set and reset inputs are
turned ON simultaneously.
Others
Holding relays are used for outputs on the H3CA-A Series. Dropping
the Unit or otherwise subjecting it to shock can cause the relay to
reverse or to move to the center position.
How to Mount the Timer on Mounting
Track
When mounting a H3CA-FA Timer on a socket mounting track,
observe the following procedures:
Mounting
First hook portion A of the timer to an edge of the track and then
depress the timer in direction B.
Dismounting
Pull out portion C with a round-blade screwdriver and remove the
timer from the mounting track.
H3CA-A/-FA
Input
terminal
Power supply
Circuit
Isolation transformer is required.
B
A
C
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com