Electronic Components Datasheet Search
  English  ▼

X  

ICS91730 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS91730
Description  LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS91730 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS91730 Datasheet HTML 1Page - Integrated Device Technology ICS91730 Datasheet HTML 2Page - Integrated Device Technology ICS91730 Datasheet HTML 3Page - Integrated Device Technology ICS91730 Datasheet HTML 4Page - Integrated Device Technology ICS91730 Datasheet HTML 5Page - Integrated Device Technology ICS91730 Datasheet HTML 6Page - Integrated Device Technology ICS91730 Datasheet HTML 7Page - Integrated Device Technology ICS91730 Datasheet HTML 8Page - Integrated Device Technology ICS91730 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ICS91730
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
IDT®
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
5
ICS91730
REV F 061611
Byte
0
Pin #
Name
Control Function
0
1
PWD
Bit 7
-
FS0
Spread/FS0
RW
1
Bit 6
-
FS1
Spread/FS1
RW
0
Bit 5
FS2
Spread/FS2
RW
0
Bit 4
FS3
Spread/FS3
RW
0
Bit 3
FS4
FS4
RW
0
Bit 2
PD# Tri_Sate
PD# Tri_Sate
RW
H i-Z
LOW
1
Bit 1
Spread Enable
Spread Enable
RW
OFF
ON
1
Bit 0
HW/SW C ontrol
Spread Spectrum Control
FS 3:4 Hard/Software
Select
RW
HW
SW
0
Byte
1
Pin #
Name
Control Function
0
1
PWD
Bit 7
REF_OUT
REF_OUT_Enable
RW
D isable
Enable
1
Bit 6
-
REF_OUT
Slew R ate REF-OUT
RW
Nominal
Fast
1
Bit 5
FS-IN_1
FS-IN_1 Readback
R
-
-
X
Bit 4
(Reserved)
(Reserved)
R-
-
0
Bit 3
CLK_OUT
Slew Rate C LK-OUT
RW
Nominal
Fast
1
Bit 2
CLK_OUT
CLK_OUT_Enable
RW
D isable
Enable
1
Bit 1
(Reserved)
(Reserved)
R-
-
1
Bit 0
(Reserved)
(Reserved)
R-
-
1
Byte
2
Pin #
Name
Control Function
0
1
PWD
Bit 7
x-
(Reserved)
--
-
1
Bit 6
x
(Reserved)
(Reserved)
RW
D isable
Enable
1
Bit 5
x
(Reserved)
(Reserved)
RW
D isable
Enable
1
Bit 4
x
(Reserved)
(Reserved)
RW
D isable
Enable
1
Bit 3
x
(Reserved)
(Reserved)
RW
D isable
Enable
1
Bit 2
x
(Reserved)
(Reserved)
RW
D isable
Enable
1
Bit 1
x
(Reserved)
(Reserved)
RW
D isable
Enable
1
Bit 0
x
(Reserved)
(Reserved)
RW
D isable
Enable
1
Byte
3
Pin #
Name
Control Function
0
1
PWD
Bit 7
X
(Reserved)
(Reserved)
RW
-
-
1
Bit 6
X
(Reserved)
(Reserved)
RW
-
-
1
Bit 5
X
(Reserved)
(Reserved)
RW
-
-
1
Bit 4
X
(Reserved)
(Reserved)
RW
-
-
1
Bit 3
x
(Reserved)
(Reserved)
RW
-
-
1
Bit 2
X
(Reserved)
(Reserved)
RW
-
-
1
Bit 1
X
(Reserved)
(Reserved)
RW
-
-
1
Bit 0
X
(Reserved)
(Reserved)
RW
-
-
1
Affected Pin
Affected Pin
Affected Pin
Affected Pin
Srpead Pecentage
See Table1
These are I2C bits
only
Type
Bit Control
Type
Bit Control
Bit Control
Type
Type
Bit Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com