Electronic Components Datasheet Search
  English  ▼

X  

ICS91730 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS91730
Description  LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS91730 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS91730 Datasheet HTML 1Page - Integrated Device Technology ICS91730 Datasheet HTML 2Page - Integrated Device Technology ICS91730 Datasheet HTML 3Page - Integrated Device Technology ICS91730 Datasheet HTML 4Page - Integrated Device Technology ICS91730 Datasheet HTML 5Page - Integrated Device Technology ICS91730 Datasheet HTML 6Page - Integrated Device Technology ICS91730 Datasheet HTML 7Page - Integrated Device Technology ICS91730 Datasheet HTML 8Page - Integrated Device Technology ICS91730 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATASHEET
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
ICS91730
IDT®
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
1
ICS91730
REV F 061611
Features/Benefits
• ICS91730 is a Spread Spectrum Clock targeted for
Mobile PC and LCD panel applications that generates an
EMI-optimized clock signal (EMI peak reduction of 7-14
dB on 3rd-19th harmonics) through use of Spread
Spectrum techniques.
• ICS91730 focuses on the lower input frequency range of
14.318 to 80.00 MHz with a spread modulation of 20kHz
to 40kHz.
Specifications
• Supply Voltages: VDD = 3.3V ±0.3V
• Frequency range: 14.318 MHz <Fin > 80 MHz
• Cyc to Cyc jitter: <150ps
• Output duty cycle 45-55%
• 0°C to +85°C operation
• 8-pin SOIC
• Reference input
Pin Configuration
Functionality
Block Diagram
CLKIN 18 PD #*
VDD 27 SC LK
GND 36 SD ATA
CLKOUT 45 REF_OU T/FS_IN1*
8 Pin SOIC
* Internal Pull-Up Resistor
FSIN_1
0
-0.8 down spread
1
-1.25 down spread
27.00MHz in --> 27.00MHz out
MHz
Spread % default
14.318 MHz in --> 27MHz out


Similar Part No. - ICS91730

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91730 ICST-ICS91730 Datasheet
128Kb / 11P
Low EMI, Spread Modulating, Clock Generator
logo
Renesas Technology Corp
ICS91730 RENESAS-ICS91730 Datasheet
334Kb / 12P
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
2019
logo
Integrated Circuit Syst...
ICS91730YMLF-T ICST-ICS91730YMLF-T Datasheet
128Kb / 11P
Low EMI, Spread Modulating, Clock Generator
More results

Similar Description - ICS91730

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91718 ICST-ICS91718 Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
ICS91720 ICST-ICS91720 Datasheet
91Kb / 11P
Low EMI, Spread Modulating, Clock Generator
ICS91719 ICST-ICS91719 Datasheet
76Kb / 10P
Low EMI, Spread Modulating, Clock Generator
ICS91730 ICST-ICS91730 Datasheet
128Kb / 11P
Low EMI, Spread Modulating, Clock Generator
logo
Cypress Semiconductor
FS791 CYPRESS-FS791 Datasheet
143Kb / 9P
Low EMI Spectrum Spread Clock
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
Low EMI Spectrum Spread Clock
logo
Renesas Technology Corp
ICS91718 RENESAS-ICS91718 Datasheet
301Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91719 RENESAS-ICS91719 Datasheet
307Kb / 11P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91720 RENESAS-ICS91720 Datasheet
270Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91730 RENESAS-ICS91730 Datasheet
334Kb / 12P
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com