Electronic Components Datasheet Search
  English  ▼

X  

ICS91730 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS91730
Description  LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS91730 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS91730 Datasheet HTML 2Page - Integrated Device Technology ICS91730 Datasheet HTML 3Page - Integrated Device Technology ICS91730 Datasheet HTML 4Page - Integrated Device Technology ICS91730 Datasheet HTML 5Page - Integrated Device Technology ICS91730 Datasheet HTML 6Page - Integrated Device Technology ICS91730 Datasheet HTML 7Page - Integrated Device Technology ICS91730 Datasheet HTML 8Page - Integrated Device Technology ICS91730 Datasheet HTML 9Page - Integrated Device Technology ICS91730 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ICS91730
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
IDT®
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
6
ICS91730
REV F 061611
Byte
4
Pin #
Name
Control Function
0
1
PWD
Bit 7
X
(Reserved)
(Reserved)
RW
--
1
Bit 6
X
(Reserved)
(Reserved)
RW
--
1
Bit 5
X
(Reserved)
(Reserved)
RW
--
1
Bit 4
X
(Reserved)
(Reserved)
RW
--
1
Bit 3
X
(Reserved)
(Reserved)
RW
--
1
Bit 2
X
(Reserved)
(Reserved)
RW
--
1
Bit 1
X
(Reserved)
(Reserved)
RW
--
1
Bit 0
X
(Reserved)
(Reserved)
RW
--
1
Byte
5
Pin #
Name
Control Function
0
1
PWD
Bit 7
X
(Reserved)
(Reserved)
-
--
1
Bit 6
X
(Reserved)
(Reserved)
-
--
1
Bit 5
X
(Reserved)
(Reserved)
-
-
-
1
Bit 4
X
(Reserved)
(Reserved)
-
-
-
1
Bit 3
X
(Reserved)
(Reserved)
RW
--
1
Bit 2
X
(Reserved)
(Reserved)
RW
--
1
Bit 1
X
(Reserved)
(Reserved)
RW
--
1
Bit 0
X
(Reserved)
(Reserved)
RW
--
1
Byte
6
Pin #
Name
Control Function
0
1
PWD
Bit 7
X
Revision ID Bit 3
(Reserved)
R-
-
1
Bit 6
X
Revision ID Bit 2
(Reserved)
R-
-
1
Bit 5
X
Revision ID Bit 1
(Reserved)
R-
-
1
Bit 4
X
Revision ID Bit 0
(Reserved)
R-
-
1
Bit 3
X
Vendor ID Bit 3
(Reserved)
R-
-
1
Bit 2
X
Vendor ID Bit 2
(Reserved)
R-
-
1
Bit 1
X
Vendor ID Bit 1
(Reserved)
R-
-
1
Bit 0
X
Vendor ID Bit 0
(Reserved)
R-
-
1
Affected Pin
Type
Bit Control
Type
Bit Control
Affected Pin
Affected Pin
Type
Bit Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com