Electronic Components Datasheet Search
  English  ▼

X  

SP4307 Datasheet(PDF) 5 Page - SIPAT Co,Ltd

Part # SP4307
Description  75 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4307 Datasheet(HTML) 5 Page - SIPAT Co,Ltd

  SP4307 Datasheet HTML 1Page - SIPAT Co,Ltd SP4307 Datasheet HTML 2Page - SIPAT Co,Ltd SP4307 Datasheet HTML 3Page - SIPAT Co,Ltd SP4307 Datasheet HTML 4Page - SIPAT Co,Ltd SP4307 Datasheet HTML 5Page - SIPAT Co,Ltd SP4307 Datasheet HTML 6Page - SIPAT Co,Ltd SP4307 Datasheet HTML 7Page - SIPAT Co,Ltd SP4307 Datasheet HTML 8Page - SIPAT Co,Ltd SP4307 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Product Specification
SP4307
Page 5 of 10
0
5
10
15
20
25
30
35
40
0
500
1000
1500
2000
RF Frequency (MHz)
20
25
30
35
40
45
50
55
60
0
500
1000
1500
2000
RF Frequency (MHz)
-1
-0.5
0
0.5
1
0
2
4
6
8
1012
1416
10Mhz
250Mhz
500Mhz
750Mhz
1010Mhz
1210Mhz
Attenuation Setting (dB)
-2
-1.5
-1
-0.5
0
0.5
0
500
1000
1500
2000
RF Frequency (MHz)
15.5dB
8dB
Figure 11. Attenuation Error Vs. Attenuation
Setting
Figure 13. Input 1 dB Compression (Zo=50 ohms)
Figure 12. Input IP3 vs. Frequency (Zo=50 ohms)
Figure 10. Attenuation Error Vs. Frequency
Note: Positive attenuation error indicates higher attenuation than target value
Typical Performance Data @ 25°C, VDD = 3.0 V
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com