Electronic Components Datasheet Search
  English  ▼

X  

SP4307 Datasheet(PDF) 6 Page - SIPAT Co,Ltd

Part # SP4307
Description  75 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4307 Datasheet(HTML) 6 Page - SIPAT Co,Ltd

Back Button SP4307 Datasheet HTML 2Page - SIPAT Co,Ltd SP4307 Datasheet HTML 3Page - SIPAT Co,Ltd SP4307 Datasheet HTML 4Page - SIPAT Co,Ltd SP4307 Datasheet HTML 5Page - SIPAT Co,Ltd SP4307 Datasheet HTML 6Page - SIPAT Co,Ltd SP4307 Datasheet HTML 7Page - SIPAT Co,Ltd SP4307 Datasheet HTML 8Page - SIPAT Co,Ltd SP4307 Datasheet HTML 9Page - SIPAT Co,Ltd SP4307 Datasheet HTML 10Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Product Specification
SP4307
Page 6 of 10
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
2
4
6
8
10
12
14
16
Attenuation Setting (dB)
1000MHz, -40C
1000MHz, 85C
1000MHz, 25C
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
02
46
8
10
12
14
16
Attenuation Setting (dB)
1200MHz, -40C
1200MHz, 25C
1200MHz, 85C
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
02
46
8
10
12
14
16
Attenuation Setting (dB)
10MHz, -40C
10MHz, 25C
10MHz, 85C
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
02
46
8
10
12
14
16
Attenuation Setting (dB)
500MHz, 85C
500MHz, -40C
500MHz, 25C
Figure 15. Attenuation Error Vs. Attenuation
Setting
Figure 14. Attenuation Error Vs. Attenuation
Setting
Figure 16. Attenuation Error Vs. Attenuation
Setting
Figure 17. Attenuation Error Vs. Attenuation
Setting
Note: Positive attenuation error indicates higher attenuation than target value
Typical Performance Data @ 25°C, VDD = 3.0 V
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com