Electronic Components Datasheet Search
  English  ▼

X  

M21218 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # M21218
Description  SD and HD/SD-SDI Digital Video Cable Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21218 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M21218 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
212x8-DSH-001-B
Mindspeed Technologies
®
6
Mindspeed Proprietary and Confidential
2.0 Product Specification
2.1
Absolute Maximum Ratings
2.2
Recommended Operating Conditions
Table 2-1.
Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Units
AVDD
I/O Power
AVSS - 0.5
AVSS + 3.47
V
VIOAM
Voltage on any I/O Pin
AVSS - 0.5
AVDD + 0.5
V
TSTORE
Storage Temperature
-
65
+150
°C
ESDHBML
Human Body Model (low-speed)
2000
—
V
ESDHBMH
Human Body Model (high-speed)
2000
—
V
ESDCDM
Charge Device Model
500
—
V
NOTE:
1.
No Damage.
Table 2-2.
Recommended Operating Conditions
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Units
AVDD
Device Power
1
—
2.5/3.3
—
V
AVSS
Device Ground
—
—
0
—
V
TA
Ambient Temperature
—
-10
—
+85
°
C
θJA
Junction to ambient Thermal Resistance
—
—
110
—
°
C/W
AVDDTERM
75
Ω Output Termination Voltage
—
See Table 1-1
V
NOTE:
1.
±5% is allowed from nominal supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com