Electronic Components Datasheet Search
  English  ▼

X  

M21218 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M21218
Description  SD and HD/SD-SDI Digital Video Cable Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21218 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M21218 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
212x8-DSH-001-B
Mindspeed Technologies
®
ii
Mindspeed Proprietary and Confidential
Ordering Information
Part Number
Data Rates Supported
Package
Operating Temperature
M21208G-xx*
143–540 Mbps
SOIC—8 pin
-10 °C to 85 °C
M21218G-xx*
143–1485 Mbps
SOIC—8 pin
-10 °C to 85 °C
* Consult the Mindspeed price list for exact part number when ordering.
* The letter “G” designator after the part number indicates that the device is RoHS-compliant. Refer to www.mindspeed.com for additional
information. This device is backward compatible with existing 225 °C reflow profiles.
Revision History
Revision
Level
Date
Description
B
Release
April 2007
Updated ordering information.
Modified text in Section 1.2.2 to indicate that RSET must be used.
SD/HD changed to pull-up in Table 1-2.
DCD figure changed in Table 2-6 and Table 2-7.
A
Release
February 2007
Production Release.
Combined M21208 and M21218 data sheets (21208-DSH-001-A and 21218-DSH-002-A).
Changed maximum output swing to 1600 mV.
Removed 1.8V operation.
Updated Tables 1-1, 2-2, 2-3, and 2-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com