Electronic Components Datasheet Search
  English  ▼

X  

M21218 Datasheet(PDF) 13 Page - M/A-COM Technology Solutions, Inc.

Part # M21218
Description  SD and HD/SD-SDI Digital Video Cable Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21218 Datasheet(HTML) 13 Page - M/A-COM Technology Solutions, Inc.

Back Button M21218 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M21218 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Product Specification
212x8-DSH-001-B
Mindspeed Technologies
®
8
Mindspeed Proprietary and Confidential
Table 2-5.
High-Speed Input Electrical Specifications
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Unit
DRIN
Input Bit Rate (M21208)
1, 3
0
—
540
Mbps
DRIN
Input Bit Rate (M21218)
1, 3
0
—
1485
Mbps
VID
Input Differential Voltage (peak to peak)
1, 4, 5
100
—
2000
mV
VCM
Input Common-Mode Voltage
1, 2
1200
AVDD
—mV
VIH
Maximum Input High Voltage
1
—
—
AVDD + 400
mV
VIL
Minimum Input Low Voltage
1
1200
—
—
mV
RIN
Single-ended input impedance
1
—
13.33
20
k
Ω
NOTES:
1.
Specified at recommended operation conditions—see Table 2-2.
2.
Part is DC coupled from input to output.
3.
Example 1200 mVpp differential = 600 mVpp for each single-ended terminal.
4.
Minimum input level defined as error free operation at 1 x 10-12 BER.
Table 2-6.
Cable Driver Output Electrical Specifications M21208 (SD only)
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Unit
DROUT
Output Bit Rates
1, 5
—
—
540
Mbps
tr/tf
SD Rise/Fall Time (20–80%)
1, 3
400
600
800
ps
tr/tfMM
Rise/fall mismatch
1, 2
—
40
100
ps
VOD
Single-ended voltage swing range (sw) p–p
1, 2, 4, 5
500
800
1600
mV
VODTOL
Swing Level output variation at 800 mVp–p
[RSET = 750
Ω ±1%] (Single-Ended)
1, 2, 3
-7
—
+7
%
VOS
Overshoot/Undershoot
1, 2
-8
—
+8
%
JAOPP
Additive Output Jitter
1, 8
—
40
60
ps
DCD
Duty Cycle Distortion
1, 2, 6, 8
—
20
70
ps
S22
Output Return Loss (5 MHz to 600MHz)
1, 2, 7
15
—
—
dB
NOTES:
Entire table tested with a 400 mVp–p differential input.
1.
Specified at recommended operating condition—see Table 2-2.
2.
Specification verified at 800 mVpp output with 1m cable.
3.
Rated at nominal SMPTE 800 mV output swing level (using a 750
Ω ±1% resistor at RSET).
4.
Output stage is an open collector differential pair, actual swing dependant on IC supply voltage and external termination voltage.
5.
Into 75
Ω back termination and 75Ω load and appropriate external termination voltage.
6.
Duty Cycle Distortion (DCD) is defined as the difference in the intrinsic jitter at the 50% voltage level and the intrinsic jitter at the rising/falling
edge crossing point. If the rising/falling edge crossing point is at the 50% voltage level, then DCD = 0.
7.
Measured under DC conditions that simulate AC coupling, VT = 3.3V.
8.
Measured using a “1010” data pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com