Electronic Components Datasheet Search
  English  ▼

X  

REF01HSA-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # REF01HSA-T
Description  5V, 10V Precision Voltage References
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REF01HSA-T Datasheet(HTML) 7 Page - Maxim Integrated Products

  REF01HSA-T Datasheet HTML 1Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 2Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 3Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 4Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 5Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 6Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 7Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 8Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
+5V, +10V Precision
Voltage References
_______________________________________________________________________________________
7
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
6
26
16
46
36
66
56
76
10
1k
100
10k
100k
1M
LINE REGULATION
vs. FREQUENCY
FREQUENCY (Hz)
VIN = 15V
TA = +25
°C
10
100
1000
10,000
10
1k
100
10k
100k
1M
REF01 OUTPUT WIDEBAND
NOISE vs. BANDWIDTH
(0.1Hz TO FREQUENCY INDICATED)
FREQUENCY (Hz)
VIN = 15V
TA = +25
°C
10
100
1000
10,000
10
1k
100
10k
100k
1M
REF02 OUTPUT WIDEBAND
NOISE vs. BANDWIDTH
(0.1Hz TO FREQUENCY INDICATED)
FREQUENCY (Hz)
VIN = 15V
TA = +25
°C
0
15
10
5
25
20
30
35
10
15
20
25
30
MAXIMUM LOAD CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
500mW MAXIMUM
DISSIPATION
SHORT-CIRCUIT
PROTECTION
TA = +25
°C
0.6
0.8
0.7
1.0
0.9
1.3
1.2
1.1
1.4
-60
20
0
-20
-40
60
80
40
100 120 140
NORMALIZED LOAD
REGULATION (
∆IL = 10mA)
vs. TEMPERATURE
TEMPERATURE (
°C)
VIN = 15V
0.6
0.8
0.7
1.0
0.9
1.3
1.2
1.1
1.4
-60
20
0
-20
-40
60
80
40
100 120 140
NORMALIZED LINE REGULATION
vs. TEMPERATURE
TEMPERATURE (
°C)
0
5
15
10
25
20
30
-60
20
0
-20
-40
60
80
40
100 120 140
MAXIMUM LOAD CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VIN = 15V
0.7
0.8
1.0
0.9
1.2
1.1
1.3
-60
20
0
-20
-40
60
80
40
100 120 140
QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VIN = 15V
0
0.010
0.005
0.015
0.030
0.025
0.020
0.035
-10
30
20
10
050
60
40
OUTPUT CHANGE DUE TO
THERMAL SHOCK
TIME (s)
VIN = 15V
TA =
+25
°C
TA =
+75
°C
DEVICE IMMERSED
IN +75
°C OIL BATH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com