Electronic Components Datasheet Search
  English  ▼

X  

REF01HSA-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # REF01HSA-T
Description  5V, 10V Precision Voltage References
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REF01HSA-T Datasheet(HTML) 9 Page - Maxim Integrated Products

  REF01HSA-T Datasheet HTML 1Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 2Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 3Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 4Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 5Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 6Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 7Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 8Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
+5V, +10V Precision
Voltage References
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 9
© 2007 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
TOP VIEW
VOUT
TRIM
GND
1
2
8
7
N.C.
N.C.
VIN
N.C./TEMP*
N.C.
DIP
3
4
6
5
REF01/
REF02
VOUT
TRIM
GDN
1
2
8
7
N.C.
N.C.
VIN
N.C./TEMP*
N.C.
SO
3
4
6
5
REF01/
REF02
Pin Configurations
*NOTE: PIN 3 IS N.C. (NO CONNECTION) ON REF01, TEMP OUTPUT ON REF02.
PART
TEMP RANGE
MAX TEMPCO
(ppm/°C)
INITIAL ERROR
(mV)
PIN-PACKAGE
PKG
CODE
REF02EP
0°C to +70°C
8.5
±15
8 Plastic DIP
P8-2
REF02EP+
0°C to +70°C
8.5
±15
8 Plastic DIP
P8-2
REF02HP
0°C to +70°C
25
±25
8 Plastic DIP
P8-2
REF02HP+
0°C to +70°C
25
±25
8 Plastic DIP
P8-2
REF02HSA
0°C to +70°C
25
±25
8 SO
S8-2
REF02HSA+
0°C to +70°C
25
±25
8 SO
S8-2
REF02CP
0°C to +70°C
65
±50
8 Plastic DIP
P8-2
REF02CP+
0°C to +70°C
65
±50
8 Plastic DIP
P8-2
REF02CSA
0°C to +70°C
65
±50
8 SO
S8-2
REF02CSA+
0°C to +70°C
65
±50
8 SO
S8-2
REF02CESA
-40°C to +85°C
65
±50
8 SO
S8-2
REF02CESA+
-40°C to +85°C
65
±50
8 SO
S8-2
Ordering Information (continued)
Package Information
For the latest package outline information, go to
www.maxim-ic.com/packages.
Revision History
Pages changed at Rev 7: 1, 9
+Denotes a lead-free package.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com