Electronic Components Datasheet Search
  English  ▼

X  

REF01HSA-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # REF01HSA-T
Description  5V, 10V Precision Voltage References
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REF01HSA-T Datasheet(HTML) 6 Page - Maxim Integrated Products

  REF01HSA-T Datasheet HTML 1Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 2Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 3Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 4Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 5Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 6Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 7Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 8Page - Maxim Integrated Products REF01HSA-T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
+5V, +10V Precision
Voltage References
6
_______________________________________________________________________________________
Output Adjustment
The REF02 trim terminal can be used to adjust the out-
put voltage over a 5V ±300mV range. This feature
allows the system designer to trim system errors by set-
ting the reference to a voltage other than 5V (refer to
the Typical Operating Circuit).
Adjustment of the output does not significantly affect
the temperature performance of the device. Typically,
the temperature coefficient change is 0.7ppm/°C for
100mV of output adjustment.
Temperature Voltage Output
The REF02 provides a temperature-dependent output
voltage on the TEMP pin. This voltage is proportional to
the absolute temperature, and has a scale factor of
approximately 2.1mV/°C (Figure 1).
Output Voltage = 2.1(T + 273)mV
where T = Temperature in °C.
430
530
480
630
580
680
730
830
780
880
-60 -40 -20
0 20 40 60 80 100 120 140
TEMPERATURE (
°C)
Figure 1. REF02 Temperature/Voltage Output vs. Temperature
ELECTRICAL CHARACTERISTICS–REF02 (continued)
(VIN = +15V, TA = TMIN to TMAX, IL = 0mA, unless otherwise noted.)
Note 5: Guaranteed by design.
Note 6: Line and load regulation specifications include the effect of self heating. 100% production tested at TA = +25°C and guaranteed
by design for TA = TMIN to TMAX, as specified.
Note 7: Limit current in or out of pin 3 to 50nA and capacitance on pin 3 to 30pF.
Note 8:
∆VOT is defined as the absolute difference between the maximum output voltage and the minimum output voltage over the
specified temperature range expressed as a percentage of 5V. Guaranteed by design.
Note 9: TCVO is defined as
∆VOT divided by the temperature range. Guaranteed by design.
∆VOT =
⎡
⎣⎢
⎤
⎦⎥
×
V- V
5V
100
MAX
MIN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com