Electronic Components Datasheet Search
  English  ▼

X  

DCR1595SW Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DCR1595SW
Description  Phase Control Thyristor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1595SW Datasheet(HTML) 4 Page - Dynex Semiconductor

  DCR1595SW Datasheet HTML 1Page - Dynex Semiconductor DCR1595SW Datasheet HTML 2Page - Dynex Semiconductor DCR1595SW Datasheet HTML 3Page - Dynex Semiconductor DCR1595SW Datasheet HTML 4Page - Dynex Semiconductor DCR1595SW Datasheet HTML 5Page - Dynex Semiconductor DCR1595SW Datasheet HTML 6Page - Dynex Semiconductor DCR1595SW Datasheet HTML 7Page - Dynex Semiconductor DCR1595SW Datasheet HTML 8Page - Dynex Semiconductor DCR1595SW Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DCR1595SW
4/10
www.dynexsemi.com
Parameter
Peak reverse and off-state current
Max. linear rate of rise of off-state voltage
Rate of rise of on-state current
Threshold voltage
On-state slope resistance
Delay time
Turn-off time
Latching current
Holding current
Test Conditions
At V
RRM/VDRM, Tcase = 125˚C
To 67% V
DRM, Tj = 125˚C, gate open
From 67% V
DRM to 2x IT(AV)
Repetitive 50Hz
Gate source 30V, 10
Ω, Non-repetitive
t
r < 0.5µs, Tj = 125˚C
At T
vj = 125˚C
At T
vj = 125˚C
V
D = 67% VDRM, gate source 30V, 15Ω
t
r = 0.5µs, Tj = 25˚C
I
T = 5000A, tp = 3.5ms, Tj =125˚C,
V
R = 900V, dIRR/dt = 4A/µs,
V
DR = 67% VDRM,
dV
DR/dt = 20V/µs linear
T
j = 25˚C, VD = 5V
T
j = 25˚C, RG–K = ∞, ITM = 500A, IT = 5A
Symbol
I
RRM/IRRM
dV/dt
dI/dt
V
T(TO)
r
T
t
gd
t
q
I
L
I
H
SURGE RATINGS
Units
mA
V/
µs
A/
µs
A/
µs
V
m
Ω
µs
µs
mA
mA
Max.
400
1000
200
400
1.03
0.19
2
1000
1000
250
Min.
-
-
-
-
-
-
0.5
550
220
50



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com