Electronic Components Datasheet Search
  English  ▼

X  

DCR1595SW Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DCR1595SW
Description  Phase Control Thyristor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1595SW Datasheet(HTML) 5 Page - Dynex Semiconductor

  DCR1595SW Datasheet HTML 1Page - Dynex Semiconductor DCR1595SW Datasheet HTML 2Page - Dynex Semiconductor DCR1595SW Datasheet HTML 3Page - Dynex Semiconductor DCR1595SW Datasheet HTML 4Page - Dynex Semiconductor DCR1595SW Datasheet HTML 5Page - Dynex Semiconductor DCR1595SW Datasheet HTML 6Page - Dynex Semiconductor DCR1595SW Datasheet HTML 7Page - Dynex Semiconductor DCR1595SW Datasheet HTML 8Page - Dynex Semiconductor DCR1595SW Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DCR1595SW
5/10
www.dynexsemi.com
Parameter
Gate trigger voltage
Gate trigger current
Gate non-trigger voltage
Peak forward gate voltage
Peak forward gate voltage
Peak reverse gate voltage
Peak forward gate current
Peak gate power
Mean gate power
Test Conditions
V
DRM = 5V, Tcase = 25
oC
V
DRM = 5V,
T
case = 25
oC
At V
DRM Tcase = 125
oC
Anode positive with respect to cathode
Anode negative with respect to cathode
-
Anode positive with respect to cathode
See table fig. 8 and 9
-
Symbol
V
GT
I
GT
V
GD
V
FGM
V
FGN
V
RGM
I
FGM
P
GM
P
G(AV)
GATE TRIGGER CHARACTERISTICS AND RATINGS
Max.
4
400
0.25
30
0.25
5
30
150
10
Units
V
mA
V
V
V
V
A
W
W
CURVES
Fig.2 Maximum (limit) on-state characteristics
Fig.3 Maximum (limit) on-state characteristics
V
TM EQUATION
V
TM
= A + Bln (I
T
) + C.I
T
+D.
√I
T
Where
A = 0.02866651
B = 0.1590393
C = 1.947584x10–4
D = –5.23298x10–3
these values are valid for T
j
= 125˚C for I
T
500A to 10000A
0.5
1
1.5
2
2.5
3
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
Instantaneous on-state voltage, VT - (V)
Tj = 125˚C
0.6
0.8
1.0
1.2
1.4
1.6
0
500
1000
1500
2000
2500
3000
3500
4000
Instantaneous on-state voltage, VT - (V)
Tj = 125˚C
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com