Electronic Components Datasheet Search
  English  ▼

X  

DCR1595SW Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DCR1595SW
Description  Phase Control Thyristor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1595SW Datasheet(HTML) 6 Page - Dynex Semiconductor

Back Button DCR1595SW Datasheet HTML 2Page - Dynex Semiconductor DCR1595SW Datasheet HTML 3Page - Dynex Semiconductor DCR1595SW Datasheet HTML 4Page - Dynex Semiconductor DCR1595SW Datasheet HTML 5Page - Dynex Semiconductor DCR1595SW Datasheet HTML 6Page - Dynex Semiconductor DCR1595SW Datasheet HTML 7Page - Dynex Semiconductor DCR1595SW Datasheet HTML 8Page - Dynex Semiconductor DCR1595SW Datasheet HTML 9Page - Dynex Semiconductor DCR1595SW Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DCR1595SW
6/10
www.dynexsemi.com
Fig.4 Sine wave power dissipation
Fig.5 Sine wave power dissipation
Fig.6 Square wave power dissipation
Fig.7 Square wave power dissipation
0
500
1000
1500
2000
2500
3000
0
1000
2000
3000
4000
5000
6000
Mean on-state current, IT(AV) - (A)
180˚
120˚
90˚
60˚
30˚
15˚
Conduction angle
0
200
400
600
800
1000
1200
1400
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Mean on-state current, IT(AV) - (A)
180˚
120˚
90˚
60˚
30˚
15˚
Conduction angle
D.C.
180˚
120˚
90˚
60˚
30˚
0
500
1000
1500
2000
2500
0
1000
2000
3000
4000
5000
6000
Mean on-state current, IT(AV) - (A)
Conduction angle
3000
3500
4000
D.C.
180˚
120˚
90˚
60˚
30˚
0
200
400
600
800
1600
0
200
400
600
1400
1800
2000
Mean on-state current, IT(AV) - (A)
Conduction angle
800
1000
1200
1600
1000
1200
1400



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com