Electronic Components Datasheet Search
  English  ▼

X  

QOU110 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # QOU110
Description  QOU Miniature Circuit Breakers and Switches Unit Mount (Cable-in/Cable-out)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QOU110 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button QOU110 Datasheet HTML 9Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 10Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 11Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 12Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 13Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 14Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 15Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 16Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
QOU Miniature Circuit Breakers and Switches
Accessories
13
09/2005
© 2005 Schneider Electric All Rights Reserved
Figure 7:
Auxiliary Switch Accessory
Auxiliary Switch
The auxiliary switch accessory monitors the circuit breaker contact status
and provides a remote signal indicating whether the circuit breaker
contacts are open or closed. When the circuit breaker is OFF or tripped, the
auxiliary switch with an “A” contact is open and the auxiliary switch with a
“B” contact is closed. When the circuit breaker is on, the auxiliary switch
with an “A” contact is closed and the auxiliary switch with a “B” contact is
open. See the wiring diagram in Figure 7.
Circuit Breaker ON
Circuit Breaker OFF or Tripped
"A" Contact
"B" Contact
"A" Contact
"B" Contact
Figure 8:
Alarm Switch Accessory
Alarm Switch
The alarm switch accessory monitors the circuit breaker trip status and is
used to provide a remote warning signal indicating that the circuit breaker
has tripped. This signal can be a horn, pilot light, or some other indicator.
The contact on the standard alarm switch is open when the circuit breaker is
in the off or on position and is closed when the circuit breaker is in the tripped
position.
Alarm switches are actuated when the circuit breaker has tripped as a result
of an overload, short circuit or shunt trip operation. See the wiring diagram
in Figure 8.
Normally-open Alarm Switch
Circuit Breaker (Tripped)
Circuit Breaker (OFF or ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com