Electronic Components Datasheet Search
  English  ▼

X  

QOU110 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # QOU110
Description  QOU Miniature Circuit Breakers and Switches Unit Mount (Cable-in/Cable-out)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QOU110 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button QOU110 Datasheet HTML 4Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 5Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 6Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 7Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 8Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 9Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 10Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 11Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
© 2005 Schneider Electric All Rights Reserved
09/2005
QOU Miniature Circuit Breakers and Switches
Application Information
UL HACR Type
HACR is an acronym that designates circuit breakers certified to be used on heating, air conditioning,
and refrigeration loads. The 9th edition of UL489 eliminated special testing requirements for HACR
certification, and the 2005 NEC eliminated the requirement for special HACR marking. HACR marking
is no longer necessary for circuit breakers used in these applications in states and localities where the
2005 NEC has been adopted.
QOU circuit breakers will continue to carry the HACR marking to meet the rquirements of previous
NEC Sections 430 and 440 in areas where the 2005 NEC has not yet been adopted. In older versions
of the NEC, Article 430-53(c) required that each circuit breaker must be of the inverse time type, and
be approved for group installation. The 2005 NEC eliminated the group installation clause of this
article.
The following QOU miniature circuit breakers will continue to carry the HACR label:
•
10–100 A, one-pole
•
10–125 A, two-pole
•
10–100 A, three-pole
High Magnetic
QOU-HM circuit breakers are recommended for area lighting (athletic fields, parking lots, outdoor
signs, etc.) when using lamps of inherent high inrush current or individual dimmer applications, or other
applications where high inrush current exceeds standard tripping conditions. These circuit breakers
are available in 15 A and 20 A only.
QOU-HM circuit breakers are manufactured with the magnetic trip point calibrated at a much higher
level than standard QOU circuit breakers. Table 4 lists the magnetic trip levels to which high-magnetic
circuit breakers are calibrated:
Table 4:
QOU-HM Circuit Breaker Magnetic Trip Levels
QOU-HM Circuit
Breakers
Max. Full-Cycle Magnetic Hold Level
15 A
21–35 x In
315–525 A
20 A
16–26 x In
322–537 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com