Electronic Components Datasheet Search
  English  ▼

X  

QOU110 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QOU110
Description  QOU Miniature Circuit Breakers and Switches Unit Mount (Cable-in/Cable-out)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QOU110 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QOU110 Datasheet HTML 1Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 2Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 3Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 4Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 5Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 6Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 7Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 8Page - List of Unclassifed Manufacturers QOU110 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Class 720
QOU Miniature Circuit
Breakers and Switches
Unit Mount (Cable-in/Cable-out)
CONTENTS
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Page
Application Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . page 2
Accessories . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . page 12
UL Requirements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . page 17
Circuit Breaker Tripping Characteristics (Trip Curves) . . . . . . . . . . . page 19
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . page 28
QYU One-Pole 277 Vac Supplementary Protectors. . . . . . . . . . . . . page 30
Catalog
September
2005


Similar Part No. - QOU110

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU1100 SCHNEIDER-QOU1100 Datasheet
105Kb / 2P
QOU Miniature Circuit Breaker, 100A, 1P. 120/240V, 10kA
Feb 21, 2020
QOU11001200 SCHNEIDER-QOU11001200 Datasheet
117Kb / 2P
QOU Miniature Circuit Breaker, 100A, 1P, 120/240V, 10kA, Aux Switch
Mar 2, 2020
QOU1101021 SCHNEIDER-QOU1101021 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, Shunt Trip
Mar 2, 2020
QOU1101042 SCHNEIDER-QOU1101042 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, Shunt Trip
Mar 2, 2020
QOU1101200 SCHNEIDER-QOU1101200 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, Aux Switch
More results

Similar Description - QOU110

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
Miniature Molded Case Circuit Breakers
logo
List of Unclassifed Man...
V4-T1-6 ETC2-V4-T1-6 Datasheet
2Mb / 98P
Miniature Circuit Breakers and Supplementary Protectors
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
Thermal magnetic UL 489 miniature circuit breakers
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
Circuit Breakers
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
logo
PHOENIX CONTACT
3644 PHOENIX-3644 Datasheet
790Kb / 13P
Thermal magnetic UL 489 miniature circuit breakers
2016-06-14
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
Miniature circuit breakers
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com